Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC157F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74VHC157F
Description  Quad 2-Channel Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC157F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VHC157F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC157F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC157F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC157F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC157F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC157F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC157F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC157F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC157F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74VHC157F/FT/FK
2012-02-29
3
System Diagram
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65 to 150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
1Y
φA
φB
1A
1B
4
2
3
2Y
2A
2B
7
5
6
3Y
3A
3B
9
11
10
4Y
4A
4B
12
14
13
φA
φB
φA
φB
φA
φB
φA
φB
SELECT
ST
1
15


Similar Part No. - TC74VHC157F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC157FK TOSHIBA-TC74VHC157FK Datasheet
267Kb / 11P
   Quad 2-Channel Multiplexer
TC74VHC157FN TOSHIBA-TC74VHC157FN Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
TC74VHC157FN TOSHIBA-TC74VHC157FN Datasheet
267Kb / 11P
   Quad 2-Channel Multiplexer
TC74VHC157FT TOSHIBA-TC74VHC157FT Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
TC74VHC157FT TOSHIBA-TC74VHC157FT Datasheet
267Kb / 11P
   Quad 2-Channel Multiplexer
More results

Similar Description - TC74VHC157F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com