Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YS-BUBOE27167CG01 Datasheet(PDF) 2 Page - Yellow Stone Corp

Part # YS-BUBOE27167CG01
Description  LED Bulb (Non-Dimmiable) 6.7W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

YS-BUBOE27167CG01 Datasheet(HTML) 2 Page - Yellow Stone Corp

  YS-BUBOE27167CG01 Datasheet HTML 1Page - Yellow Stone Corp YS-BUBOE27167CG01 Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
page 2
300mm
400mm
500mm
600mm
700mm
800mm
900mm
1000mm
1100mm
1200mm
6000K
34.4
33.4
33.0
32.4
32.0
31.6
31.0
30.3
29.8
29.0
28.1
4200K
32.5
32.2
31.8
31.1
30.8
30.4
29.6
28.8
27.9
27.1
26.8
3000K
30.5
29.2
28.7
28.5
27.8
27.3
26.6
26.0
25.4
25.0
24.2
Y
X
4200K
3000K
6000K
:62*62*118mm
:130g
:150g
:634*375*284mm
:100 PCS
:約 17Kg
Distribution of Illuminance (2m for the center of the surface light source with 1.2m aperture illumination distribution
within the X, Y axis).
Color
Temperature
Center
Unit of Illuminance : LUX
Distribution of Spectrum
Packing Details
An independent package for each LED bulb, and stick the tag on outside of package, There are 100pcs in one carton :
Dimension
Net Weight
Gross Weight
Dimension
QTY
Gross Weight


Similar Part No. - YS-BUBOE27167CG01

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
YS-102M HUAXINAN-YS-102M Datasheet
340Kb / 6P
   Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
   Surge Absorbers
YS-152M HUAXINAN-YS-152M Datasheet
340Kb / 6P
   Surge Absorbers
YS-181N HUAXINAN-YS-181N Datasheet
340Kb / 6P
   Surge Absorbers
logo
Sumida Corporation
YS-2 SUMIDA-YS-2 Datasheet
113Kb / 3P
   Filter Coils
More results

Similar Description - YS-BUBOE27167CG01

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-153S3A-12V0-M00 A-BRIGHT-AB-153S3A-12V0-M00 Datasheet
138Kb / 2P
   LED BULB
AB-751SW-01WA-E4C A-BRIGHT-AB-751SW-01WA-E4C_15 Datasheet
135Kb / 2P
   LED BULB
AB-153W6A-12V0-M00 A-BRIGHT-AB-153W6A-12V0-M00_15 Datasheet
136Kb / 2P
   LED BULB
AB-781SW-01WA-E40 A-BRIGHT-AB-781SW-01WA-E40_15 Datasheet
139Kb / 2P
   LED BULB
AB-781W0-01WA-E40 A-BRIGHT-AB-781W0-01WA-E40_15 Datasheet
139Kb / 2P
   LED BULB
AB-153S3A-12V0-M00 A-BRIGHT-AB-153S3A-12V0-M00_15 Datasheet
138Kb / 2P
   LED BULB
AB-153S4A-12V0-M00 A-BRIGHT-AB-153S4A-12V0-M00_15 Datasheet
138Kb / 2P
   LED BULB
AL-01R6IR1WC-600 A-BRIGHT-AL-01R6IR1WC-600 Datasheet
228Kb / 6P
   LED BULB
2007/1/16
AB-781W0-01WA-E4C A-BRIGHT-AB-781W0-01WA-E4C Datasheet
139Kb / 2P
   LED BULB
logo
List of Unclassifed Man...
BUBOE27160WF05 ETC2-BUBOE27160WF05 Datasheet
1Mb / 8P
   6W Non Dimmable Light Bulb
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com