Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5438ACY Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430F5438ACY
Description  MIXED SIGNAL MICROCONTROLLER
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5438ACY Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F5438ACY Datasheet HTML 1Page - Texas Instruments MSP430F5438ACY Datasheet HTML 2Page - Texas Instruments MSP430F5438ACY Datasheet HTML 3Page - Texas Instruments MSP430F5438ACY Datasheet HTML 4Page - Texas Instruments MSP430F5438ACY Datasheet HTML 5Page - Texas Instruments MSP430F5438ACY Datasheet HTML 6Page - Texas Instruments MSP430F5438ACY Datasheet HTML 7Page - Texas Instruments MSP430F5438ACY Datasheet HTML 8Page - Texas Instruments MSP430F5438ACY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
MSP430F543xA, MSP430F541xA
SLAS655B – JANUARY 2010 – REVISED OCTOBER 2010
www.ti.com
DESCRIPTION
The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with extensive
low-power modes, is optimized to achieve extended battery life in portable measurement applications. The
device features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to
maximum code efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to
active mode in less than 5 µs.
The MSP430F543xA and MSP430F541xA series are microcontroller configurations with three 16-bit timers, a
high performance 12-bit analog-to-digital (A/D) converter, up to four universal serial communication interfaces
(USCI), hardware multiplier, DMA, real-time clock module with alarm capabilities, and up to 87 I/O pins.
Typical applications for this device include analog and digital sensor systems, digital motor control, remote
controls, thermostats, digital timers, hand-held meters, etc.
Family members available are summarized in Table 1.
Table 1. Family Members
USCI
Flash
SRAM
ADC12_A
Package
Channel A:
Channel B:
Device
Timer_A(1)
Timer_B(2)
I/O
(KB)
(KB)
(Ch)
Type
UART/IrDA/
SPI/I2C
SPI
100 PZ,
MSP430F5438A
256
16
5, 3
7
4
4
14 ext / 2 int
87
113 ZQW
MSP430F5437A
256
16
5, 3
7
2
2
14 ext / 2 int
67
80 PN
100 PZ,
MSP430F5436A
192
16
5, 3
7
4
4
14 ext / 2 int
87
113 ZQW
MSP430F5435A
192
16
5, 3
7
2
2
14 ext / 2 int
67
80 PN
100 PZ,
MSP430F5419A
128
16
5, 3
7
4
4
14 ext / 2 int
87
113 ZQW
MSP430F5418A
128
16
5, 3
7
2
2
14 ext / 2 int
67
80 PN
(1)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(2)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
Table 2. Ordering Information(1)
PACKAGED DEVICES(2)
TA
PLASTIC 100-PIN LQFP
PLASTIC 80-PIN LQFP
PLASTIC 113-BALL BGA
(PZ)
(PN)
(ZQW)
MSP430F5438AIPZ
MSP430F5437AIPN
MSP430F5438AIZQW
–40°C to 85°C
MSP430F5436AIPZ
MSP430F5435AIPN
MSP430F5436AIZQW
MSP430F5419AIPZ
MSP430F5418AIPN
MSP430F5419AIZQW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - MSP430F5438ACY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5438ACY TI-MSP430F5438ACY Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5438ACY TI1-MSP430F5438ACY Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5438ACYS TI-MSP430F5438ACYS Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5438ACYS TI1-MSP430F5438ACYS Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5438ACY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com