Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGW21N60ED Datasheet(PDF) 2 Page - Motorola, Inc

Part # MGW21N60ED
Description  Insulated Gate Bipolar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGW21N60ED Datasheet(HTML) 2 Page - Motorola, Inc

  MGW21N60ED Datasheet HTML 1Page - Motorola, Inc MGW21N60ED Datasheet HTML 2Page - Motorola, Inc MGW21N60ED Datasheet HTML 3Page - Motorola, Inc MGW21N60ED Datasheet HTML 4Page - Motorola, Inc MGW21N60ED Datasheet HTML 5Page - Motorola, Inc MGW21N60ED Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MGW21N60ED
2
Motorola IGBT Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–to–Emitter Breakdown Voltage
(VGE = 0 Vdc, IC = 25 µAdc)
Temperature Coefficient (Positive)
V(BR)CES
600
870
Vdc
mV/
°C
Emitter–to–Collector Breakdown Voltage (VGE = 0 Vdc, IEC = 100 mAdc)
BVECS
15
Vdc
Zero Gate Voltage Collector Current
(VCE = 600 Vdc, VGE = 0 Vdc)
(VCE = 600 Vdc, VGE = 0 Vdc, TJ = 125°C)
ICES
10
200
µAdc
Gate–Body Leakage Current (VGE = ± 20 Vdc, VCE = 0 Vdc)
IGES
50
µAdc
ON CHARACTERISTICS (1)
Collector–to–Emitter On–State Voltage
(VGE = 15 Vdc, IC = 10 Adc)
(VGE = 15 Vdc, IC = 10 Adc, TJ = 125°C)
(VGE = 15 Vdc, IC = 20 Adc)
VCE(on)
1.7
1.5
2.2
2.1
2.5
Vdc
Gate Threshold Voltage
(VCE = VGE, IC = 1.0 mAdc)
Threshold Temperature Coefficient (Negative)
VGE(th)
4.0
6.0
10
8.0
Vdc
mV/
°C
Forward Transconductance (VCE = 10 Vdc, IC = 20 Adc)
gfe
8.6
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vdc V
0 Vdc
Cies
1605
pF
Output Capacitance
(VCE = 25 Vdc, VGE = 0 Vdc,
f = 1.0 MHz)
Coes
146
Transfer Capacitance
f = 1.0 MHz)
Cres
23
SWITCHING CHARACTERISTICS (1)
Turn–On Delay Time
(V
360 Vd
I
20 Ad
td(on)
29
ns
Rise Time
(V
360 Vd
I
20 Ad
tr
60
Turn–Off Delay Time
(VCC = 360 Vdc, IC = 20 Adc,
V
15 Vd
L
300 H
td(off)
238
Fall Time
VGE = 15 Vdc, L = 300 mH,
RG = 20 Ω, TJ = 25°C)
tf
140
Turn–Off Switching Loss
RG = 20 Ω, TJ = 25 C)
Energy losses include “tail”
Eoff
0.8
1.15
mJ
Turn–On Switching Loss
Eon
0.6
Total Switching Loss
Ets
1.4
Turn–On Delay Time
(V
360 Vd
I
20 Ad
td(on)
28
ns
Rise Time
(V
360 Vd
I
20 Ad
tr
62
Turn–Off Delay Time
(VCC = 360 Vdc, IC = 20 Adc,
V
15 Vd
L
300 H
td(off)
338
Fall Time
VGE = 15 Vdc, L = 300 mH,
RG = 20 Ω, TJ = 125°C)
tf
220
Turn–Off Switching Loss
RG = 20 Ω, TJ = 125 C)
Energy losses include “tail”
Eoff
1.3
mJ
Turn–On Switching Loss
Eon
0.8
Total Switching Loss
Ets
2.1
Gate Charge
(V
360 Vdc I
20 Adc
QT
86
nC
(VCC = 360 Vdc, IC = 20 Adc,
VGE = 15 Vdc)
Q1
18
VGE = 15 Vdc)
Q2
39
DIODE CHARACTERISTICS
Diode Forward Voltage Drop
(IEC = 10 Adc)
(IEC = 10 Adc, TJ = 125°C)
(IEC = 17 Adc)
VFEC
1.7
1.6
1.3
2.0
1.9
2.3
Vdc
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(continued)


Similar Part No. - MGW21N60ED

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
More results

Similar Description - MGW21N60ED

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com