Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC257FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VHC257FK
Description  Quad 2-Channel Multiplexer (3-state)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC257FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC257FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC257FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC257FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC257FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC257FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC257FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC257FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC257FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC257FK_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74VHC257F/FT/FK
2012-02-29
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta = −40 to
85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.8
9.3
1.0
11.0
3.3 ± 0.3
50
8.3
12.8
1.0
14.5
15
3.6
5.9
1.0
7.0
Propagation delay
time
(A, B-Y)
tpLH
tpHL
5.0 ± 0.5
50
5.1
7.9
1.0
9.0
ns
15
7.0
11.0
1.0
13.0
3.3 ± 0.3
50
9.5
14.5
1.0
16.5
15
4.0
6.8
1.0
8.0
Propagation delay
time
(SELECT-Y)
tpLH
tpHL
5.0 ± 0.5
50
5.5
8.8
1.0
10.0
ns
15
6.7
10.5
1.0
12.5
3.3 ± 0.3
50
9.2
14.0
1.0
16.0
15
3.6
6.8
1.0
8.0
3-state output enable
time
tpZL
tpZH
RL = 1 kΩ
5.0 ± 0.5
50
5.1
8.8
1.0
10.0
ns
3.3 ± 0.3
50
8.6
12.0
1.0
13.5
3-state output disable
time
tpLZ
tpHZ
RL = 1 kΩ
5.0 ± 0.5
50
5.7
7.9
1.0
9.0
ns
Input capacitance
CIN
4
10
10
pF
Onput capacitance
COUT
6
pF
Power dissipation
capacitance
CPD
(Note)
23
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/4 (per bit)
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Characteristics
Symbol
VCC (V)
Typ.
Max
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.3
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.3
−0.8
V
Minimum high level dynamic input voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input voltage
VILD
CL = 50 pF
5.0
1.5
V
Input Equivalent Circuit
INPUT


Similar Part No. - TC74VHC257FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC257FK TOSHIBA-TC74VHC257FK Datasheet
265Kb / 10P
   Quad 2-Channel Multiplexer (3-state)
More results

Similar Description - TC74VHC257FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
   QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
74VHCT257A STMICROELECTRONICS-74VHCT257A Datasheet
70Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
logo
Toshiba Semiconductor
TC7MH257FK TOSHIBA-TC7MH257FK Datasheet
189Kb / 7P
   Quad 2-Channel Multiplexer (3-State)
TC74HC257AP TOSHIBA-TC74HC257AP_07 Datasheet
264Kb / 8P
   Quad 2-Channel Multiplexer (3-state)
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257_01 Datasheet
286Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
74VHC257 STMICROELECTRONICS-74VHC257 Datasheet
315Kb / 14P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
M74HC257 STMICROELECTRONICS-M74HC257 Datasheet
190Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com