Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC273FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VHC273FK
Description  Octal D-Type Flip-Flop with Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC273FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC273FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC273FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC273FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC273FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC273FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC273FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC273FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC273FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC273FK_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74VHC273F/FT/FK
2012-08-04
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
8.7
13.6
1.0
16.0
3.3
± 0.3
50
11.2
17.1
1.0
19.5
15
5.8
9.0
1.0
10.5
Propagation delay
time
(CK-Q)
tpLH
tpHL
5.0
± 0.5
50
7.3
11.0
1.0
12.5
ns
15
8.9
13.6
1.0
16.0
3.3
± 0.3
50
11.4
17.1
1.0
19.5
15
5.2
8.5
1.0
10.0
Propagation delay
time
( CLR -Q)
tpHL
5.0
± 0.5
50
6.7
10.5
1.0
12.0
ns
15
75
120
65
3.3
± 0.3
50
50
75
45
15
120
165
100
Maximum clock
frequency
fmax
5.0
± 0.5
50
80
110
70
MHz
3.3
± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.0
± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note 2)
31
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/8 (per bit)
And the total CPD when n pcs.of flip flop operate can be gained by the following equation:
CPD (total) = 22 + 9·n
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Characteristics
Symbol
VCC (V)
Typ.
Max
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.5
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
0.5
0.8
V
Minimum high level dynamic input
voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input
voltage
VILD
CL = 50 pF
5.0
1.5
V


Similar Part No. - TC74VHC273FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC273FK TOSHIBA-TC74VHC273FK Datasheet
235Kb / 10P
   Octal D-Type Flip-Flop with Clear
TC74VHC273FK TOSHIBA-TC74VHC273FK Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
More results

Similar Description - TC74VHC273FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com