Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC4051AFT Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74VHC4051AFT
Description  8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC4051AFT Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74VHC4051AFT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC4051AFT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC4051AFT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC4051AFT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC4051AFT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC4051AFT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC4051AFT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC4051AFT_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC4051AFT_12 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC74VHC4051,4052,4053AF/FT/FK
2010-07-15
6
AC Electrical Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.5
±0.2
1.2
10
16
3.3
±0.3
0.8
6
10
CL = 15 pF
RL = 1 kΩ
5.0
±0.5
0.3
4
7
2.5
±0.2
2.6
12
18
3.3
±0.3
1.5
9
12
Phase difference
between input and output
φI/O
CL = 50 pF
RL = 1 kΩ
5.0
±0.5
0.6
6
8
ns
2.5
±0.2
3.3
15
20
3.3
±0.3
2.3
11
15
CL = 15 pF
RL = 1 kΩ
Figure 1
5.0
±0.5
1.6
7
10
2.5
±0.2
4.2
25
32
3.3
±0.3
3.0
18
22
Output enable time
tpZL
tpZH
CL = 50 pF
RL = 1 kΩ
Figure 1
5.0
±0.5
2.1
12
16
ns
2.5
±0.2
6
15
23
3.3
±0.3
4.5
11
15
CL = 15 pF
RL = 1 kΩ
Figure 1
5.0
±0.5
3.2
7
10
2.5
±0.2
9.6
25
32
3.3
±0.3
7.2
18
22
Output disable time
tpLZ
tpHZ
CL = 50 pF
RL = 1 kΩ
Figure 1
5.0
±0.5
5.1
12
16
ns
Control input capacitance
CIN
All types
2
10
pF
4051A
23.4
4052A
13.1
COMMON terminal
capacitance
CIS
4053A
Figure 2
8.2
pF
4051A
5.7
4052A
5.6
SWITCH terminal
capacitance
COS
4053A
Figure 2
5.6
pF
4051A
0.5
4052A
0.5
Feedthrough capacitance
CIOS
4053A
Figure 2
0.5
pF
4051A
15
4052A
24
Power dissipation
capacitance
CPD
4053A
Figure 2
(Note)
12
pF
Note:
CPD is defined as the value of the internal equivalent capacitance of IC which is calculated from the
operating current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC74VHC4051AFT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC4051AFT TOSHIBA-TC74VHC4051AFT Datasheet
282Kb / 13P
   Analog Multiplexer/Demultiplexer
More results

Similar Description - TC74VHC4051AFT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com