Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1595AN Datasheet(PDF) 5 Page - Sony Corporation

Part # CXB1595AN
Description  Fibre Channel Repeater
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1595AN Datasheet(HTML) 5 Page - Sony Corporation

  CXB1595AN Datasheet HTML 1Page - Sony Corporation CXB1595AN Datasheet HTML 2Page - Sony Corporation CXB1595AN Datasheet HTML 3Page - Sony Corporation CXB1595AN Datasheet HTML 4Page - Sony Corporation CXB1595AN Datasheet HTML 5Page - Sony Corporation CXB1595AN Datasheet HTML 6Page - Sony Corporation CXB1595AN Datasheet HTML 7Page - Sony Corporation CXB1595AN Datasheet HTML 8Page - Sony Corporation CXB1595AN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
– 5 –
CXB1595AN
Pin
No.
Symbol
Type
Equivalent circuit
Description
VEEE
Ground
19
Ground for ECL I/O: 0V.
VCCE
Power
supply
22
Power supply for ECL I/O:
3.3V ± 5%.
VCCG
Power
supply
25
Power supply for internal logic
gate: 3.3V ± 5%.
PORT_OUTN
PORT_OUT
Output
ECL
20
21
Differential serial data output.
VCCE
ECL_OUT
ECL_OUTN
VEEE
LOOP_OUTN
LOOP_OUT
Output
ECL
23
24
Differential serial data output.
VCCE
ECL_OUT
ECL_OUTN
VEEE
DIAG_INN
DIAG_IN
Input
ECL
Input
TTL
26
27
Differential serial data input.
VCCE
ECL_IN
ECL_INN
VEEE
VCCG
VEEG
VCCE – 1.3V
VCCG
VEET
VEEG
TTL_IN
LOOP_SELN
DIAG_SELN
28
29
CDR_SELN
30
Selection for LOOP_OUT.
See table 9.
Selection for DIAG_OUT.
See table 9.
Selection for CDR input.
See table 9.


Similar Part No. - CXB1595AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1596AR SONY-CXB1596AR Datasheet
198Kb / 15P
   10-bit Transceiver
More results

Similar Description - CXB1595AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1585N SONY-CXB1585N Datasheet
180Kb / 14P
   Fibre Channel Repeater
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
   1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
   Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
   Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
logo
Schneider Electric
140NRP95400 SCHNEIDER-140NRP95400 Datasheet
117Kb / 4P
   Fibre optic repeater MM/ST RIO S908 2CH
Apr 18, 2022
logo
Maxim Integrated Produc...
MAX3754 MAXIM-MAX3754 Datasheet
281Kb / 13P
   Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
19-2098; Rev 1; 1/02
logo
FIDELIX
FXO-HC735RFC-10625 FIDELIX-FXO-HC735RFC-10625 Datasheet
257Kb / 2P
   FIBRE CHANNEL
logo
Fox Electronics
FXO-PC735RFC-10625 FOX-FXO-PC735RFC-10625 Datasheet
197Kb / 2P
   FIBRE CHANNEL
FXO-PC735RFC-2125 FOX-FXO-PC735RFC-2125 Datasheet
203Kb / 2P
   FIBRE CHANNEL
FXO-LC735RFC-2125 FOX-FXO-LC735RFC-2125 Datasheet
187Kb / 15P
   FIBRE CHANNEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com