Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1818Q Datasheet(PDF) 3 Page - Sony Corporation

Part # CXB1818Q
Description  Laser Diode Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1818Q Datasheet(HTML) 3 Page - Sony Corporation

  CXB1818Q Datasheet HTML 1Page - Sony Corporation CXB1818Q Datasheet HTML 2Page - Sony Corporation CXB1818Q Datasheet HTML 3Page - Sony Corporation CXB1818Q Datasheet HTML 4Page - Sony Corporation CXB1818Q Datasheet HTML 5Page - Sony Corporation CXB1818Q Datasheet HTML 6Page - Sony Corporation CXB1818Q Datasheet HTML 7Page - Sony Corporation CXB1818Q Datasheet HTML 8Page - Sony Corporation CXB1818Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
– 3 –
CXB1818Q
Pin Description
Pin
No.
1
VCC4
3.3
Positive power supply
for APC circuit.
2
VEE4
0
Negative power supply
for APC circuit.
6
VEE5
0
Negative power supply
for bias circuit.
7
Q
1.3 to 3.3
6mA
to 30mA∗1
6mA
to 50mA∗2
9
QBX
1.3 to 3.3
6mA
to 30mA∗1
6mA
to 50mA∗2
Modulation current
output.
Open collector output.
10
VEE1
0
Negative power supply
for driver circuit.
11
VCC1
3.3
Positive power supply
for driver circuit.
12
TM
1.5
Chip temperature
monitor.
13
DrvMon
0mA
to
1.4mA
Modulation current (IQ)
monitor.
IQ is monitored by
connecting a resistor
(Rmon) to this pin.
14
DrvAdj
0mA
to
9mA
Modulation current (IQ)
setting.
3
BiasAdj
1.5 to 0
Bias current setting.
4
SBias
0mA
to
2.5mA
Bias current setting or
monitor.
5
Bias
0mA
to
60mA
Bias current output.
Open collector output.
Symbol
Typical pin voltage [V]
DC
AC
Equivalent circuit
Description
3
VCC
VEE
10pF
260
240
30
8
4
5
VEE
Current
Source
7
9
13
14
VCC
Rmon
VEE
22.5
150
1 Ta = –40 to 0°C
2 Ta = 0 to +85°C
Complementary current
output.
Q and QBX are not
symmetrical output.
Use Q output for laser
diode.
8
NC
No connected.
10
12
VEE


Similar Part No. - CXB1818Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
logo
Cree, Inc
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ240E CREE-CXB1816-0000-000N0BQ240E Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ250E CREE-CXB1816-0000-000N0BQ250E Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ257E CREE-CXB1816-0000-000N0BQ257E Datasheet
2Mb / 15P
   XLamp LED
More results

Similar Description - CXB1818Q

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
HY6330 ETC-HY6330 Datasheet
176Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com