Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSK0612 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSK0612
Description  Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSK0612 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSK0612 Datasheet HTML 1Page - Vishay Siliconix WSK0612 Datasheet HTML 2Page - Vishay Siliconix WSK0612 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WSK0612
www.vishay.com
Vishay Dale
Revision: 09-Nov-11
1
Document Number: 30161
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Resistors, High Power,
Surface Mount, 4-Terminal
FEATURES
• 4-Terminal design
• Ideal for all types of current sensing, voltage
division and pulse applications
• Proprietary
processing
technique
produces
extremely low resistance values
• Durable with all-welded construction
• Low thermal EMF (< 3 μV/°C)
• Solid metal nickel-chrome or manganese-copper
resistive element with low TCR (< 20 ppm/°C)
• Compliant to RoHS Directive 2002/95/EC
• AEC-Q200 qualified available (1)
Note
(1) Flame retardance test may not be applicable to some resistor
technologies.
Note
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
Note
(2) Other values may be available, contact factory.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING
P70 °C
W
TOLERANCE
± %
RESISTANCE VALUE
RANGE
RESISTANCE VALUES
CURRENTLY AVAILABLE (2)
WEIGHT
(typical)
g/1000 pieces
WSK0612
0612
1.0
1.0
0.50m to 5.0m
0.5m, 0.75m, 1m, 2m, 3m, 4m, 5m
8.2
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Temperature coefficient
ppm/°C
± 600 for 0.5 m
 and 0.75 m, ± 275 for 1 m, ± 225 for 2 m,
± 150 for 3 m
, 4 m and 5 m
Operating temperature range
°C
- 65 to + 170
Maximum working voltage
V
(P x R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: WSK06121L000FEA
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
SPECIAL
WSK0612
L = m
L5000 = 0.0005
L7500 = 0.00075
1L000 = 0.001
2L000 = 0.002
3L000 = 0.003
4L000 = 0.004
5L000 = 0.005
F = ± 1.0 %
EA = Lead (Pb)-free, tape/reel
EK = Lead (Pb)-free, bulk
(Dash number)
(Up to 2 digits)
From 1 to 99 as
applicable
W
S
K
0
6
1
2
1
L
0
0
0
F
E
A


Similar Part No. - WSK0612

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSK06125L000FEA VISHAY-WSK06125L000FEA Datasheet
102Kb / 3P
   Power Metal Strip Resistors, High Power,
Revision: 09-Nov-11
WSK0612 VISHAY-WSK0612_15 Datasheet
84Kb / 3P
   Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
Revision: 28-Oct-13
More results

Similar Description - WSK0612

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSK0612 VISHAY-WSK0612_15 Datasheet
84Kb / 3P
   Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
Revision: 28-Oct-13
WSKW0612 VISHAY-WSKW0612_V01 Datasheet
144Kb / 5P
   Power Metal Strip® Resistors, High Power, Surface-Mount, 4-Terminal
01-Jan-2022
WSL2726 VISHAY-WSL2726_15 Datasheet
98Kb / 4P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
Revision: 11-May-15
WSL2726 VISHAY-WSL2726_11 Datasheet
104Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
Revision: 07-Sep-11
WSL4026 VISHAY-WSL4026_V01 Datasheet
152Kb / 5P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
01-Jan-2022
WSL2726 VISHAY-WSL2726_V01 Datasheet
158Kb / 5P
   Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
01-Jan-2022
WSL4026 VISHAY-WSL4026_15 Datasheet
100Kb / 4P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
Revision: 11-May-15
WSL4026 VISHAY-WSL4026_11 Datasheet
107Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
Revision: 07-Sep-11
WSK1216 VISHAY-WSK1216 Datasheet
122Kb / 4P
   Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
Revision: 13-Mar-17
WSK1216 VISHAY-WSK1216_V01 Datasheet
167Kb / 4P
   Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com