Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1170M Datasheet(PDF) 3 Page - Sony Corporation

Part # CXD1170M
Description  6-bit 40MSPS High Speed D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1170M Datasheet(HTML) 3 Page - Sony Corporation

  CXD1170M Datasheet HTML 1Page - Sony Corporation CXD1170M Datasheet HTML 2Page - Sony Corporation CXD1170M Datasheet HTML 3Page - Sony Corporation CXD1170M Datasheet HTML 4Page - Sony Corporation CXD1170M Datasheet HTML 5Page - Sony Corporation CXD1170M Datasheet HTML 6Page - Sony Corporation CXD1170M Datasheet HTML 7Page - Sony Corporation CXD1170M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
– 3 –
CXD1170M
No.
Symbol
Equivalent circuit
Description
15
IREF
Connect a resistance 16 times "16R" that of
output resistance value "R"
16
VREF
Set full scale output value
17
VG
Connect a capacitor of about 0.1µF
20
IO
Current output pin
Voltage output can be obtained by connecting
a resistance
21
IO
Inverted current output pin
Normally dropped to analog GND
23, 24
DVDD
Digital VDD
18, 19, 22
AVDD
Analog VDD
AVSS
AVSS
AVDD
AVDD
AVSS
AVDD
AVDD
15
16
17
AVDD
AVSS
AVDD
AVSS
20
21
Eleoctrical Characteristics
(fCLK = 40MHz, VDD = 5V, ROUT = 200
Ω, VREF = 2.0V, Ta = 25°C)
Item
Resolution
Maximum conversion speed
Minimum conversion speed
Linearity error
Differential linear error
Full scale output voltage
Full scale output current
Offset output voltage
Power supply current
Digital
input current
Setup time
Hold time
Propagation delay time
Glitch energy
Measurement conditions
14.3MHz, at COLOR BAR DATA input
ROUT = 75
Min.
0.5
–0.3
–0.1
1.85
13
–5
5
10
Typ.
6
1.95
10
14.5
10
30
Max.
40
0.5
0.1
2.05
15
1
16
5
Unit
bit
MSPS
MHz
LSB
LSB
V
mA
mV
mA
µA
µA
ns
ns
ns
pV-s
Symbol
n
fMAX
fMIN
EL
ED
VFS
IFS
VOS
IDD
IIH
IIL
tS
tH
tPD
GE
High level
Low level


Similar Part No. - CXD1170M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
CXD1172 SONY-CXD1172 Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
More results

Similar Description - CXD1170M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
   HIGH SPEED 6 BIT A/D CONVERTER
REV. A
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
   8-BIT, 40MSPS, 40mW A/D CONVERTER
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203_06 Datasheet
442Kb / 30P
   Dual-channel 12-bit 40Msps 215mW A/D converter
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
   DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com