Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1170 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXD1170
Description  6-bit 40MSPS High Speed D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1170 Datasheet(HTML) 4 Page - Sony Corporation

  CXD1170 Datasheet HTML 1Page - Sony Corporation CXD1170 Datasheet HTML 2Page - Sony Corporation CXD1170 Datasheet HTML 3Page - Sony Corporation CXD1170 Datasheet HTML 4Page - Sony Corporation CXD1170 Datasheet HTML 5Page - Sony Corporation CXD1170 Datasheet HTML 6Page - Sony Corporation CXD1170 Datasheet HTML 7Page - Sony Corporation CXD1170 Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
– 4 –
CXD1170M
Maximum conversion speed test circuit
CLK
40MHZ
SQUARE
WAVE
CLK
0.1µ
200
OSCILLOSCOPE
BLK
VB
IO
VG
VREF
IREF
1k
AVss
0.1µ
3.3k
AVDD
3
4
8
9
11
12
15
16
17
20
D5
D0 (LSB)
6bit
COUNTER
with
LATCH
2V
DC characteristics test circuit
CLK
40MHZ
SQUARE
WAVE
CLK
0.1µ
200
BLK
VB
IO
VG
VREF
IREF
1k
AVss
0.1µ
3.3k
AVDD
3
4
8
9
11
12
15
16
17
20
D5
D0 (LSB)
DVM
2V
CONTROLLER
Propagation delay time test circuit
CLK
10MHZ
SQUARE
WAVE
CLK
0.1µ
200
OSCILLOSCOPE
BLK
VB
IO
VG
VREF
IREF
1k
AVss
0.1µ
3.3k
AVDD
3
4
8
9
11
12
15
16
17
20
D5
D0 (LSB)
FREQUENCY
DEMULTIPLIER
Setup hold time and glitch energy test circuit
CLK
1MHZ
SQUARE
WAVE
CLK
0.1µ
75
OSCILLOSCOPE
BLK
VB
IO
VG
VREF
IREF
1k
AVss
0.1µ
1.2k
AVDD
3
4
8
9
11
12
15
16
17
20
D5
D0 (LSB)
6bit
COUNTER
with
LATCH
1V
DELAY
CONTROLLER
DELAY
CONTROLLER


Similar Part No. - CXD1170

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
CXD1172 SONY-CXD1172 Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
More results

Similar Description - CXD1170

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
   HIGH SPEED 6 BIT A/D CONVERTER
REV. A
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
   8-BIT, 40MSPS, 40mW A/D CONVERTER
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203_06 Datasheet
442Kb / 30P
   Dual-channel 12-bit 40Msps 215mW A/D converter
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
   DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com