Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1170 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD1170
Description  6-bit 40MSPS High Speed D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1170 Datasheet(HTML) 6 Page - Sony Corporation

  CXD1170 Datasheet HTML 1Page - Sony Corporation CXD1170 Datasheet HTML 2Page - Sony Corporation CXD1170 Datasheet HTML 3Page - Sony Corporation CXD1170 Datasheet HTML 4Page - Sony Corporation CXD1170 Datasheet HTML 5Page - Sony Corporation CXD1170 Datasheet HTML 6Page - Sony Corporation CXD1170 Datasheet HTML 7Page - Sony Corporation CXD1170 Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
– 6 –
CXD1170M
Notes on Operation
• How to select the output resistance
The CXD1170M is a D/A converter of the current output type. To obtain the output voltage connect the
resistance to IO pin. For specifications we have:
Output full scale voltage
VFS = less than 2.0 [V]
Output full scale current
IFS = less than 15 [mA]
Calculate the output resistance value from the relation of VFS = IFS
× R. Also, 16 times resistance of the
output resistance is connected to reference current pin IREF. In some cases, however, this turns out to be a
value that does not actually exist. In such a case a value close to it can be used as a substitute. Here please
note that VFS becomes VFS = VREF
× 16R/R'. R is the resistance connected to IO while R' is connected to
IREF. Increasing the resistance value can curb power consumption. On the other hand glitch energy and data
settling time will inversely increase. Set the most suitable value according to the desired application.
• Phase relation between data and clock
To obtain the expected performance as a D/A converter, it is necessary to set properly the phase relation
between data and clock applied from the exterior. Be sure to satisfy the provisions of the setup time (
tS) and
hold time (
tH) as stipulated in the Electrical Characteristics.
• VDD, VSS
To reduce noise effects separate analog and digital systems in the device periphery. For VDD pins, both
digital and analog, bypass respective GNDs by using a ceramic capacitor of about 0.1µF, as close as
possible to the pin.
• Latch up
AVDD and DVDD have to be common at the PCB power supply source. This is to prevent latch up due to
voltage difference between AVDD and DVDD pins when power supply is turned ON.


Similar Part No. - CXD1170

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
CXD1172 SONY-CXD1172 Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
More results

Similar Description - CXD1170

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
   HIGH SPEED 6 BIT A/D CONVERTER
REV. A
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
   8-BIT, 40MSPS, 40mW A/D CONVERTER
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203_06 Datasheet
442Kb / 30P
   Dual-channel 12-bit 40Msps 215mW A/D converter
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
   DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com