Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1175AP Datasheet(PDF) 9 Page - Sony Corporation

Part # CXD1175AP
Description  8-bit 20MSPS Video A/D Converter (CMOS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1175AP Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXD1175AP Datasheet HTML 5Page - Sony Corporation CXD1175AP Datasheet HTML 6Page - Sony Corporation CXD1175AP Datasheet HTML 7Page - Sony Corporation CXD1175AP Datasheet HTML 8Page - Sony Corporation CXD1175AP Datasheet HTML 9Page - Sony Corporation CXD1175AP Datasheet HTML 10Page - Sony Corporation CXD1175AP Datasheet HTML 11Page - Sony Corporation CXD1175AP Datasheet HTML 12Page - Sony Corporation CXD1175AP Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
– 9 –
CXD1175AM/AP
2. This IC uses an offset cancel type comparator and operates synchronously with an external clock. It
features the following operating modes which are respectively indicated on the timing chart with S, H, C
symbols. That is input sampling (auto zero) mode, input hold mode and comparison mode.
3. The operation of respective parts is as indicated in the chart. For instance input voltage Vi (1) is sampled
with the falling edge of the first clock by means of the upper comparator block and the lower comparator A
block.
The upper comparators block finalizes comparison data MD (1) with the rising edge of the first clock.
Simultaneously the reference supply generates the lower reference voltage RV (1) that corresponded to
the upper results. The lower comparator block finalizes comparison data LD (1) with the rising edge of the
second clock. MD (1) and LD (1) are combined and output as Out (1) with the rising edge of the 3rd clock.
Accordingly there is a 2.5 clock delay from the analog input sampling point to the digital data output.
Operation Notes
1. VDD, VSS
To reduce noise effects, separate the analog and digital systems close to the device. For both the digital
and analog VDD pins, use a ceramic capacitor of about 0.1µF set as close as possible to the pin to bypass
to the respective GND’s.
2. Analog input
Compared with the flash type A/D converter, the input capacitance of the analog input is rather small.
However it is necessary to conduct the drive with an amplifier featuring sufficient band and drive capability.
When driving with an amplifier of low output impedance, parasite oscillation may occur. That may be
prevented by inserting a resistance of about 100
Ω in series between the amplifier output and A/D input.
3. Clock input
The clock line wiring should be as short as possible also, to avoid any interference with other signals,
separate it from other circuits.
4. Reference input
Voltage between VRT to VRB is compatible with the dynamic range of the analog input. Bypassing VRT and
VRB pins to GND, by means of a capacitor about 0.1µF, stable characteristics are obtained. By shorting VRT
and VRTS, VRB and VRBS, the self-bias function that generates VRT = 2.6V and VRB = 0.6V, is activated.
5. Timing
Analog input is sampled with the falling edge of CLK and output as digital data with a delay of 2.5 clocks
and with the following rising edge. The delay from the clock rising edge to the data output is about 18ns.
6. OE pin
By connecting OE to GND output mode is obtained. By connecting to VDD high impedance is obtained.
7. About latch up
It is necessary that AVDD and DVDD pins be the common source of power supply.
This is to avoid latch up due to the voltage difference between AVDD and DVDD pins when power is ON.


Similar Part No. - CXD1175AP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1170 SONY-CXD1170 Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
More results

Similar Description - CXD1175AP

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Sony Corporation
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
   6-Bit, 20MSPS, Video A/D Converter (CMOS)
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD3300R SONY-CXD3300R Datasheet
220Kb / 17P
   10-bit 20MSPS Video A/D Converter
CXD2312R SONY-CXD2312R Datasheet
305Kb / 16P
   9-bit 20MSPS Video A/D Converter
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com