Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1177Q Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD1177Q
Description  8-bit 40MSPS YC 2-channel D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1177Q Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD1177Q Datasheet HTML 2Page - Sony Corporation CXD1177Q Datasheet HTML 3Page - Sony Corporation CXD1177Q Datasheet HTML 4Page - Sony Corporation CXD1177Q Datasheet HTML 5Page - Sony Corporation CXD1177Q Datasheet HTML 6Page - Sony Corporation CXD1177Q Datasheet HTML 7Page - Sony Corporation CXD1177Q Datasheet HTML 8Page - Sony Corporation CXD1177Q Datasheet HTML 9Page - Sony Corporation CXD1177Q Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
—6—
CXD1177Q
YCK
8bit
COUNTER
with
LATCH
CLK
40MHZ
SQUARE
WAVE
CCK
0.1µ
DVss
200
AVss
AVss
BLK
CE
VB
YO
CO
Y0 to Y7
1 to 8
C0 to C7
9 to 16
VG
VREF
IREF
1k
AVss
17
18
19
20
22
24
25
27
29
30
0.1µ
3.3k
200
AVDD
OSCILLOSCOPE
Crosstalk Measurement Circuit
YCK
DIGITAL
WAVEFORM
GENERATOR
CLK
40MHZ
SQUARE
WAVE
CCK
0.1µ
DVss
200
AVss
AVss
BLK
CE
VB
YO
CO
Y0 to Y7
1 to 8
C0 to C7
9 to 16
VG
VREF
IREF
1k
AVss
17
18
19
20
22
24
25
27
29
30
0.1µ
3.3k
200
AVDD
ALL “1”
SPECTRUM
ANALYZER
Setup Time
Hold Time
Measurement Circuit
Glitch Energy
YCK
CLK
1MHZ
SQUARE
WAVE
CCK
0.1µ
DVss
75
AVss
AVss
BLK
CE
VB
YO
CO
Y0 to Y7
1 to 8
C0 to C7
9 to 16
VG
VREF
IREF
1k
AVss
17
18
19
20
22
24
25
27
29
30
0.1µ
1.2k
75
AVDD
DELAY
CONTROLLER
8bit
COUNTER
with
LATCH
DELAY
CONTROLLER
OSCILLOSCOPE
}
Maximum Conversion Velocity Measurement Circuit


Similar Part No. - CXD1177Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1170 SONY-CXD1170 Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
More results

Similar Description - CXD1177Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
   8-BIT, 40MSPS, 40mW A/D CONVERTER
logo
Sony Corporation
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
   8-bit 40MSPS RGB 3-channel D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
logo
Intersil Corporation
HI1178 INTERSIL-HI1178_05 Datasheet
428Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
logo
Renesas Technology Corp
HI1178 RENESAS-HI1178 Datasheet
591Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Fujitsu Component Limit...
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
   2-Channel 8-BIT D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com