Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1217M Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD1217M
Description  Synchronizing Signal Generator for Video Camera
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1217M Datasheet(HTML) 5 Page - Sony Corporation

  CXD1217M Datasheet HTML 1Page - Sony Corporation CXD1217M Datasheet HTML 2Page - Sony Corporation CXD1217M Datasheet HTML 3Page - Sony Corporation CXD1217M Datasheet HTML 4Page - Sony Corporation CXD1217M Datasheet HTML 5Page - Sony Corporation CXD1217M Datasheet HTML 6Page - Sony Corporation CXD1217M Datasheet HTML 7Page - Sony Corporation CXD1217M Datasheet HTML 8Page - Sony Corporation CXD1217M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
– 5 –
CXD1217M
Description of Operation (See Block Diagram.)
The CXD1217 is applicable to four systems; namely, NTSC, PAL, PALM and SECAM. In order to realize them,
the following relative equations of Sub-carrier (4fsclN) and Clock (CLIN) are adopted .
As it is obvious from the above equations, the 4fsc and clock frequency do not coincide with each other in the
PAL and PALM. Therefore matching of the clock frequency is carried out by providing PLL.
1 . MODE specified input
The CXD1217 provides four inputs to specify the respective modes.
∗ EXT input: Set this pin to V
DD
side, and it becomes into external synchronizing mode. At this time, the
counters in connection with the PLL Ioop as shown in the upper part of the block diagram
become into stand still state.
∗ MODE1 and MODE2 inputs: These are inputs for the system selection.
∗ TEST input: An input to be used to measure IC. This input is normally kept opened.
(Because it is dropped internally to Vss with MOS resistance.)
2. Reset operation
The CXD1217 has three reset inputs ; namely, HRI, VRI, LALTRI, and it works to perform reset operation
when it detects falling edge. These three inputs are so designed as to take in synchronization with the IC
internal clock. Therefore, it is a prerequisite that both systems should have clock frequencies that are matched
as a reset operation to each other (GEN Iocked).
• H reset (HRI input)
When the HRI input is continuous with H synchronization, resetting is activated with the initial falling edge,
and for the subsequent edges they do not have to be reset unless they are deviated more than 2-bit (140ns)
against the initial edge in the internal clock. That is, if the jitter of HRI input is less than 140ns, it is absorbed.
The minimum resetting pulse width is over 0.3µs.
The phase to be reset is the advanced point of 6.3 to 6.37µs (= 90 to 91-bit
× 70ns) than the HRI input as
shown in the diagram below.
Reset
6.3 to 6.37 [µs]
HRI input
CXD1217
HD OUT output
NTSC
PAL
PALM
SECAM
4fsc = 910fH
4fsc = 1135fH + 2fv
4fsc = 909fH
Sub carrier
Clock
910fH
908fH
910fH
908fH
MODE1
0
0
1
1
MODE2
0
1
0
1
System
NTSC
SECAM
PALM
PAL
"0"
→ VSS
"1"
→ VDD


Similar Part No. - CXD1217M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1217 SONY-CXD1217 Datasheet
192Kb / 12P
   Synchronizing Signal Generator for Video Camera
CXD1217Q SONY-CXD1217Q Datasheet
192Kb / 12P
   Synchronizing Signal Generator for Video Camera
More results

Similar Description - CXD1217M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1217Q SONY-CXD1217Q Datasheet
192Kb / 12P
   Synchronizing Signal Generator for Video Camera
logo
Panasonic Semiconductor
MN67621F PANASONIC-MN67621F Datasheet
69Kb / 11P
   Color Video Camera Synchronizing Signal Generator LSI
MN676011NPS PANASONIC-MN676011NPS Datasheet
51Kb / 8P
   NTSC Color Camera Synchronizing Signal Generator LSI
MN67603NS PANASONIC-MN67603NS Datasheet
46Kb / 7P
   NTSC Color Camera Synchronizing Signal Generator LSI
logo
Sony Corporation
CXD1159Q SONY-CXD1159Q Datasheet
190Kb / 10P
   SYNC. SIGNAL GENERATOR FOR CAMERA
CXD1159AQ SONY-CXD1159AQ Datasheet
448Kb / 10P
   Sync Signal Generator for Camera
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
ON Semiconductor
P1P3800A ONSEMI-P1P3800A Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
logo
List of Unclassifed Man...
AN2110S ETC-AN2110S Datasheet
349Kb / 6P
   Video Camera Signal Processing Circuit
logo
ON Semiconductor
P1P3800AG12CRTWG ONSEMI-P1P3800AG12CRTWG Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com