Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMS22D53-B20-MW5 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # EMS22D53-B20-MW5
Description  Non-Contacting Direction/Step Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EMS22D53-B20-MW5 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  EMS22D53-B20-MW5 Datasheet HTML 1Page - Bourns Electronic Solutions EMS22D53-B20-MW5 Datasheet HTML 2Page - Bourns Electronic Solutions EMS22D53-B20-MW5 Datasheet HTML 3Page - Bourns Electronic Solutions EMS22D53-B20-MW5 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
3.3 and 5 VDC voltage supply option
Direction/Step output (Tachometer)
Bushing or servo mount
Non-contacting magnetic technology
Small size
CMOS and TTL compatible
Resolution from 64-512 PPR
Long life
High operating speed
Highly repeatable
Sealed option
Magnetic technology
EMS22D - Non-Contacting Direction/Step Encoder
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Resolution ........................................................................................................................................................................................................... 64 to 512 PPR
Insulation Resistance (500 VDC) ......................................................................................................................................................................1,000 megohms
Electrical Travel ........................................................................................................................................................................................................ Continuous
Supply Voltage ........................................................................................................................................................................5.0 VDC ±10 %, 3.3 VDC ±10 %
Supply Current .................................................................................................................................................................................................20 mA maximum
Output Voltage
Low Output Level ................................................................................................................................................................................. Vss+0.4 V maximum
High Output Level................................................................................................................................................................................... Vdd-0.5 V minimum
Output Current
With 4.5 VDC Supply Voltage .......................................................................................................................................................................4 mA maximum
With 3.0 VDC Supply Voltage .......................................................................................................................................................................2 mA maximum
Rise/Fall Time (Incremental Output) ............................................................................................................................................................... 500 ns maximum
Shaft RPM (Ball Bearing) .........................................................................................................................................................................10,000 rpm maximum
Hysteresis............................................................................................................................................................................................................................ 0.7 °
Accuracy
Nominal ..........................................................................................................................................................................................................±0.7 ° or better
Worst Case................................................................................................................................................................................................................... ±1.4 °
Output Transition Noise................................................................................................................................................................................... 0.12 ° RMS max.
Environmental Characteristics
Operating Temperature Range........................................................................................................................................ -40 ºC to +125 ºC (-40 °F to +257 °F)
Storage Temperature Range........................................................................................................................................... -55 °C to +125 °C (-67 °F to +257 °F)
Humidity ....................................................................................................................................................................MIL-STD-202, Method 103B, Condition B
Vibration .............................................................................................................................................................................................................................. 15 G
Shock .................................................................................................................................................................................................................................. 50 G
Rotational Life
S Bushing (@1,000 rpm)................................................................................................................................................................. 100,000,000 revolutions
T & W Bushings (@1,000 rpm with 250 g side load) ........................................................................................................................ 50,000,000 revolutions
IP Rating............................................................................................................................................................................................................................. IP 65
Mechanical Characteristics
Mechanical Angle ............................................................................................................................................................................................ 360 ° Continuous
Torque
Starting .................................................................................................................................................................................... 43 ±21 g-cm (0.6 ±0.3 oz-in.)
Running ................................................................................................................................................................................... 29 ±14 g-cm (0.4 ±0.2 oz-in.)
Mounting Torque.........................................................................................................................................................................................203 N-cm (18 lb.-in.)
Shaft End Play......................................................................................................................................................................0.30 mm (0.012 ”) T.I.R. maximum
Shaft Radial Play..................................................................................................................................................................0.12 mm (0.005 ”) T.I.R. maximum
Weight ..............................................................................................................................................................................................................11 gms. (0.4 oz.)
Terminals ......................................................................................................................................................................................... Axial, radial or ribbon cable
Soldering Condition
Manual Soldering .................................................................................................................... 96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire
370 °C (700 °F) max. for 3 seconds
Wave Soldering ............................................................................................................................................. 96.5Sn/3.0Ag/0.5Cu solder with no-clean flux
260 °C (500 °F) max. for 10 seconds
Wash processes....................................................................................................................................................................................... Not recommended
Marking.................................................................................................................................... Manufacturer’s trademark, name, part number, and date code.
Hardware....................................................................One lockwasher and one mounting nut supplied with each encoder, except on servo mount versions.
Pin Configuration
Output Type
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Direction/Step
Pulse
Direction
GND
Index
VCC*
CS**
* Can be 5 or 3.3 VDC depending on the version.
** Active low chip select pin; if not used connect pin 6 to GND.


Similar Part No. - EMS22D53-B20-MW5

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EMS22D53-B20-MS2 BOURNS-EMS22D53-B20-MS2 Datasheet
359Kb / 5P
   Non-Contacting Direction/Step Encoder
More results

Similar Description - EMS22D53-B20-MW5

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EMS22D BOURNS-EMS22D_14 Datasheet
359Kb / 5P
   Non-Contacting Direction/Step Encoder
EMS22Q BOURNS-EMS22Q Datasheet
331Kb / 4P
   Non-Contacting Incremental Encoder
EMS22A BOURNS-EMS22A Datasheet
391Kb / 5P
   Non-Contacting Absolute Encoder
EMS22P BOURNS-EMS22P_14 Datasheet
405Kb / 5P
   Non-Contacting PWM Encoder
EMS22P BOURNS-EMS22P Datasheet
413Kb / 4P
   Non-Contacting PWM Encoder
EMS22Q BOURNS-EMS22Q_14 Datasheet
351Kb / 5P
   Non-Contacting Incremental Encoder
EMS22 BOURNS-EMS22 Datasheet
1Mb / 8P
   Non-Contacting Magnetic Encoder
EMS22A BOURNS-EMS22A_13 Datasheet
384Kb / 5P
   Non-Contacting Absolute Encoder
EMS22A50-B28-LS6 BOURNS-EMS22A50-B28-LS6 Datasheet
384Kb / 5P
   Non-Contacting Absolute Encoder
ECW1J-B24-BC0024L BOURNS-ECW1J-B24-BC0024L Datasheet
304Kb / 3P
   Digital Contacting Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com