Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMS22Q31-B20-MW4 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # EMS22Q31-B20-MW4
Description  Non-Contacting Incremental Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EMS22Q31-B20-MW4 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  EMS22Q31-B20-MW4 Datasheet HTML 1Page - Bourns Electronic Solutions EMS22Q31-B20-MW4 Datasheet HTML 2Page - Bourns Electronic Solutions EMS22Q31-B20-MW4 Datasheet HTML 3Page - Bourns Electronic Solutions EMS22Q31-B20-MW4 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BOURNS EMS22 22 MM NON-CONTACTING INCREMENTAL ENCODER
EMS22Q51-B28-LS4
SHAFT LENGTH
DESIGNATOR*
Code
16
20
28
25
Description
1/2 " Long
5/8 " Long
7/8 " Long
25 mm Long
(Available with
D Bushing Only)
VOLTAGE
SUPPLY
Code
3
5
Description
3.3 VDC
5 VDC
OUTPUT TYPE
Code
Q
Description
Quadrature
TERMINAL
CONFIGURATION**
Code
L
M
W
Description
Axial, Multi-
Purpose Pin
Rear Ribbons
Cable with
Connector
Rear Ribbons
Cable -
No Connector
SHAFT STYLE
Code
B
C
D
R
M
Available With
Bushings (Code)
S
S
T, W
D
D
Description
1/4 " Dia., Plain End
1/4 " Dia., Flatted End
1/8 " Dia., Plain End
6 mm Dia., Slotted End
6 mm Dia., Flatted End
BUSHING DESIGNATOR
Code
S
T
W
D
Description
3/8 " D X 3/8 " L Threaded
(Single Ball Bearing)
3/8 " D X 3/8 " L Threaded
(Dual Ball Bearing)
Servo Mount 7/8 " D
(Dual Ball Bearing)
9 mm D X 7.94 mm L Threaded
(Single Ball Bearing)
* Shaft length measured from mounting surface.
** Standard ribbon cable is 10 inches long. Consult factory for other lengths.
INDEX CHANNEL
Code
1
3
Description
1 LSB
3 LSB
RESOLUTION
Code
1
2
3
4
PPR
32
64
128
256
EMS22Q - Non-Contacting Incremental Encoder
How To Order
REV. 07/12
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Dimensions
Cable Assembly
25.4
(1.0)
MAX.
2 PLCS.
254.0 ± 6.35
(10.00 ± 0.25)
CIRCUIT #1
13.97
(0.55)
2 PLCS.
CIRCUIT #1
PIN 1 IDENTIFICATION STRIPE
CONNECTOR
2.00 MM PITCH, 6 CIRCUITS
2 PLCS.
FLAT CABLE
2.0 MM PITCH ROUND CONDUCTOR
24 AWG (7X32) STRANDED, TOP COAT
6 CIRCUITS, P.V.C. INSULATION
DIMENSIONS:
MM
(INCHES)


Similar Part No. - EMS22Q31-B20-MW4

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EMS22Q31-B20-LT1 BOURNS-EMS22Q31-B20-LT1 Datasheet
351Kb / 5P
   Non-Contacting Incremental Encoder
EMS22Q31-B20-WS1 BOURNS-EMS22Q31-B20-WS1 Datasheet
351Kb / 5P
   Non-Contacting Incremental Encoder
More results

Similar Description - EMS22Q31-B20-MW4

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EMS22Q BOURNS-EMS22Q_14 Datasheet
351Kb / 5P
   Non-Contacting Incremental Encoder
EMS22A BOURNS-EMS22A Datasheet
391Kb / 5P
   Non-Contacting Absolute Encoder
EMS22P BOURNS-EMS22P_14 Datasheet
405Kb / 5P
   Non-Contacting PWM Encoder
EMS22P BOURNS-EMS22P Datasheet
413Kb / 4P
   Non-Contacting PWM Encoder
EMS22 BOURNS-EMS22 Datasheet
1Mb / 8P
   Non-Contacting Magnetic Encoder
EMS22A BOURNS-EMS22A_13 Datasheet
384Kb / 5P
   Non-Contacting Absolute Encoder
EMS22A50-B28-LS6 BOURNS-EMS22A50-B28-LS6 Datasheet
384Kb / 5P
   Non-Contacting Absolute Encoder
EMS22D BOURNS-EMS22D_14 Datasheet
359Kb / 5P
   Non-Contacting Direction/Step Encoder
EMS22D BOURNS-EMS22D Datasheet
331Kb / 4P
   Non-Contacting Direction/Step Encoder
ECW1J-B24-BC0024L BOURNS-ECW1J-B24-BC0024L Datasheet
304Kb / 3P
   Digital Contacting Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com