Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

284T24R104B25AT Datasheet(PDF) 2 Page - CTS Corporation

Part # 284T24R104B25AT
Description  Precision Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

284T24R104B25AT Datasheet(HTML) 2 Page - CTS Corporation

  284T24R104B25AT Datasheet HTML 1Page - CTS Corporation 284T24R104B25AT Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
284T Metal Shaft, Bushing Mount, Solder Lug Terminal
02/16/12
Please consult factory for custom or not listed features.
A - ± 10%
B - ± 20%
RESIST TOL
Examples:
RESISTANCE CODE
EXAMPLES
SHAFT LENGTH “L”
B
TERMINAL STYLE
T- Solder Lug
BUSHING MOUNT ”A”
CODE RESISTANCE
102
1K
103
10K
503
50K
104
100K
504
500K
Length Examples:
LINEARITY
284
mm
inch
A - 5.0 mm
2 - .250”
B - 7.5 mm
3 - .375”
C - 10.0 mm
4 - .500”
mm
inch
1 - .625”
2 - .750”
3 - .875”
4 - 1.000”
A - 10 mm
B - 15 mm
C - 20 mm
D - 25 mm
T
A
A
R
103
A
2
2
2 - ± 2%
Notes:
Shaft Diameter:
Metric Unit: 6mm, Imperial Unit: .125”
Incremental Length :
Metric Unit: 5mm, Imperial Unit: .125”
IP Rating
4 - IP40
1
ROTATION ANGLE
Angle
Life
A - 220°
2M Cycles
B - 60°
3M Cycles
LOCATING LUG “G”
1 - Left, 7.3 mm
5 - 1.125”
E - 30 mm
2 - 2
CTS Electrocomponents
© 2012 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
6.3
0.3
1.1
“L”
“A”
WIPER
CW
CCW
CLOCKWISE
CIRCUIT
1
2
3
1.3
“G”
20.8
2.5
DIMENSION:
mm
inch
.819
.051
.098
.248
.012
.043
5 - IP54
6 - IP67
Shaft Trim
F - FLATTED
R - ROUND
S - SLOTTED
“Y”
“Z”
“X”
“Y”
X
Imperial Shaft
Metric Shaft
.125”
6.00
X
Y
Imperial Shaft
Metric Shaft
.125”
6.00
.076”
4.00
“X”
Z
.156”
5.00
“Z”
“X”
X
Y
Imperial Shaft
Metric Shaft
.125”
6.00
.039”
1.57
Z
.047”
1.00
Note:
Angle means Effective Electric Angle
Notes:
Incremental Length :
Metric Unit: 2.5mm, Imperial Unit: .125”
Bushing Dia. & Thread:
Metric Unit: M7 X .75P
Imperial Unit: 1/4-32 UNEF
METAL SHAFT TRIM
16.0
9.94
MTG SURFACE
K - SLOT & KNURLED
24TEETH
“Y”
“X”
X
Y
Imperial Shaft
Metric Shaft
.236”
6.00
.062”
1.57
Z
.157”
4.00
“Z”
R Round
F
S Slotted
- Flatted
-
-
K Slot & Knurled
-
Note:
Contact CTS for shaft sizes not listed
Note: Contact CTS for shaft sizes not listed


Similar Part No. - 284T24R104B25AT

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
   Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
More results

Similar Description - 284T24R104B25AT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
   Precision Potentiometer
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
   Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
   Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
   Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
   Precision Potentiometer
6539 BOURNS-6539_13 Datasheet
223Kb / 2P
   Precision Potentiometer
6638 BOURNS-6638_08 Datasheet
185Kb / 1P
   Precision Potentiometer
6674 BOURNS-6674_11 Datasheet
181Kb / 2P
   Precision Potentiometer
3590S-2-L BOURNS-3590S-2-L Datasheet
254Kb / 4P
   Precision Potentiometer
3590 BOURNS-3590 Datasheet
241Kb / 1P
   Precision Potentiometer
logo
Bi technologies
5311 BITECH-5311 Datasheet
77Kb / 3P
   Precision Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com