Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3311-XO-LGIZ Datasheet(PDF) 10 Page - Vicor Corporation

Part # PI3311-XO-LGIZ
Description  8V to 36Vin Cool-Power
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3311-XO-LGIZ Datasheet(HTML) 10 Page - Vicor Corporation

Back Button PI3311-XO-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 10Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 11Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 12Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 13Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
 
Picor Corpo
PI3312‐
Electrical 
Unless oth
Paramete
Efficiency 
Output 
Output Vo
Output Vo
Output Vo
Line Regu
Load Regu
Output Vo
Continuou
Current Li
Input Cur
Input Curr
Soft‐Start 
Input Curr
Condition
Protection
UVLO Thre
UVLO Hys
OVLO Thr
OVLO Hys
UVLO/OV
UVLO/OV
OVP Thres
Over‐Tem
Over‐Tem
Timing
 
Switching 
Fault Rest
 
ration • picorpo
‐X0 (2.5 Vo
Specification
erwise specifie
er 
oltage  
oltage Total Re
oltage Range 
lation 
ulation 
oltage Ripple 
us Output Curr
mit 
rent 
rent 
Current 
rent At Output
eshold 
steresis 
eshold  
steresis 
LO Fault Delay
LO Response T
shold 
mperature  Faul
mperature  Rest
Frequency 
tart Delay 
ower.com            
out) Electri
ns  
ed: ‐40C < T<
egulation  
rent Range 
t Short (Fault 
y Time 
Time 
lt  Threshold 
tart  Hysteresis
 PI33XX‐X0‐LGIZ
ical Charac
< 125C, Vin = 2
Symbol 
 
VOUT_DC 
VOUT_DC 
VOUT_DC 
∆VOUT(∆VIN)
∆VOUT(∆IOUT)
VOUT_AC 
IOUT_DC 
IOUT_CL 
IIN_DC 
IIN_SS 
IIN_Short 
VUVLO 
VUVLO_HYS 
VOVLO 
VOVLO_HYS 
tf_DLY 
t
VOVP 
VOTP 
VOTP_HYS 
f
tFR_DLY 
 
Z Family Datashe
 
 
cteristics
24V, L1=200 nH
Min 
T
 
9
 
2
2.465 
2
2.0 
2
 
0
 
0
 
 
 
1
 
2
 
7.08 
7
 
0
37 
3
 
0
 
1
 
5
 
130 
1
 
 
5
 
eet                Rev 
Typ 
Max
91.3  
2.50  
2.50 
2.535
2.5 
3.1 
0.1 
0.15
0.1 
0.15
28  
 
10 
12  
1.14  
200  
 
300
7.45 
7.82
0.37  
38.4 
40 
0.77  
128  
500  
20  
135 
140
30  
500  
30  
1.2 August 24, 2
Units  Co
Vi
 Io
V  0
V ‐4
V  
@
@
0.
mVp‐p 
Io
Co
20
A  
A  
Vi
Io
mA 
Vi
Ci
mA  
 
 
 
 
Cycles 
N
s
c
ns 
+
A
°C  
°C  
kHz 
Vi
ms  
2012 
Page 1
onditions 
in = 24V, TC = 2
out = 10 A 
0 °C  <TJ <70°C 
40 °C <TJ <125°
@ 25°C 12V<Vin
@ 25°C, 
.5A<Iout<10A
out=5A, 
out=4x100μF, 
0MHz BW  
in = 24V, TC = 2
out=10A 
in=24V, Iout=0
in=4x4.7µF ML
Number of the
switching frequ
cycles 
+1% overdrive
Above VOUT 
n ≥ 18V, Iout ≤ 8A
10 of 39 
25°C,
C  
n<36V
25°C, 
0A
LCC 
uency  
 
(1) 


Similar Part No. - PI3311-XO-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3311-x0 VICOR-PI3311-x0 Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3311-X0 VICOR-PI3311-X0 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
logo
List of Unclassifed Man...
PI3311-X0-LGIZ ETC2-PI3311-X0-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3311-X1 VICOR-PI3311-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
logo
List of Unclassifed Man...
PI3311-X1-LGIZ ETC2-PI3311-X1-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator
More results

Similar Description - PI3311-XO-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3318-01-LGIZ VICOR-PI3318-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com