Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0402FC15C Datasheet(PDF) 8 Page - Protek Devices

Part # P0402FC15C
Description  250W FLIP CHIP TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0402FC15C Datasheet(HTML) 8 Page - Protek Devices

  P0402FC15C Datasheet HTML 1Page - Protek Devices P0402FC15C Datasheet HTML 2Page - Protek Devices P0402FC15C Datasheet HTML 3Page - Protek Devices P0402FC15C Datasheet HTML 4Page - Protek Devices P0402FC15C Datasheet HTML 5Page - Protek Devices P0402FC15C Datasheet HTML 6Page - Protek Devices P0402FC15C Datasheet HTML 7Page - Protek Devices P0402FC15C Datasheet HTML 8Page - Protek Devices P0402FC15C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05107.R15 9/12
Page 8
P0402FC3.3C - P0402FC36C
taPe anD Reel inFoRMation
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
T
User Direction of Feed
Top Cover
Tape
sPeCiFiCations
Reel Dia.
taPe
wiDth
a0
B0
k0
D
e
F
w
P0
P2
P
tmax
178(7”)
8
0.70 ± 0.05 1.15 ± 0.10 0.56 ± 0.05 1.55 ± 0.05 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.20 4.00 ± 0.05 2.00 ± 0.05 2.00 ± 0.05
0.25
notes
1. Dimensions in millimeters.
2. Top view of tape. Metal contacts are face down in tape package.
3. Orientation: preferred stencil - 0.1mm (0.004”).
4. Surface mount product is taped and reeled in accordance with EIA 481.
5. 8mm plastic tape: 7” Reels - 5,000 (pocket under hole skipped) pieces per reel.
6. Marking on Reel - part number, date code and lot number.
taPe & Reel oRientation
Single Die - 0402
Package outline, pad layout and tape specifications per document number 06001.R7 8/12.
oRDeRing inFoRMation
Base PaRt nuMBeR
(xx = voltage)
leaDFRee suFFiX
taPe suFFiX
qty/Reel
Reel siZe
tuBe qty
P0402FCxxC
-LF
-T75-1
5,000
7”
n/a
This device is only available in a Lead-Free configuration.


Similar Part No. - P0402FC15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0402FC15C PROTEC-P0402FC15C Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0402FC15C PROTEC-P0402FC15C Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0402FC15C PROTEC-P0402FC15C Datasheet
79Kb / 5P
   FLIP CHIP ARRAY
P0402FC15C PROTEC-P0402FC15C Datasheet
799Kb / 9P
   250w flip chip tvs array
More results

Similar Description - P0402FC15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
PKFC3.3C PROTEC-PKFC3.3C_12 Datasheet
475Kb / 7P
   250W ENCAPSULATED FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com