Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3303-X0-LGIZ Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI3303-X0-LGIZ
Description  8V to 36Vin Cool-Power
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3303-X0-LGIZ Datasheet(HTML) 5 Page - Vicor Corporation

  PI3303-X0-LGIZ Datasheet HTML 1Page - Vicor Corporation PI3303-X0-LGIZ Datasheet HTML 2Page - Vicor Corporation PI3303-X0-LGIZ Datasheet HTML 3Page - Vicor Corporation PI3303-X0-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3303-X0-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3303-X0-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3303-X0-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3303-X0-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3303-X0-LGIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
 
Picor Corpo
 
Absolut
Note: All 
VIN 
VS1
 
VOUT 
SGND 
PGD, SYN
Storage T
Operating
Soldering
ESD Ratin
 
 
 
 
 
 
 
 
V
 
ration • picorpo
te Maximu
voltage nodes
NCO, SYNCI, EN
Temperature 
g Junction Tem
g Temperature 
ng 
(I
2C pi
VIN
PGND
SYNCO
PGD
VC
EN
SYNCI
Power 
Control
ower.com            
um Ratings
s are reference
, EAO, ADJ, TR
mperature 
for 20 second
ins SCL, SDA, AD
Q1
CC
Mem
0Ω 
 PI33XX‐X0‐LGIZ
s at 25°C 
ed to PGND 
RK, ADR1, ADR2
s
 
Figure 1:  Sim
R0, and ADR1 on
1
Q2
I
mory
ZVS Contro
 
Z Family Datashe
 
 
2, SCL, SDA 
mplified Block D
 
nly active for PI3
 
Interface
l
eet                Rev 
See r
Diagram  
33XX‐20 and PI3
+
-
R4
R2
R1
1V
1.2 August 24, 2
‐0.7V to 36V
‐0.7 to 36V, ‐
relevant produ
‐0.3V to 5
‐65°C
‐40°C
33XX‐21 versions
TRK
EAO
ADJ
VS1
VOUT
REM
R3
2012 
Page 
V / 18A DC 
‐4V for 5ns 
uct section 
100mA 
5.5V / 5mA 
C to 150°C 
C to 140°C 
260°C 
2kV HBM 
 
s) 
Vout
5 of 39 


Similar Part No. - PI3303-X0-LGIZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3303-X0-LGIZ ETC2-PI3303-X0-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
More results

Similar Description - PI3303-X0-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3318-01-LGIZ VICOR-PI3318-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com