Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5611BKSZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5611BKSZ-REEL7
Description  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5611BKSZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5611BKSZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5611BKSZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5611BKSZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5611BKSZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5611BKSZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5611BKSZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5611BKSZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5611BKSZ-REEL7 Datasheet HTML 12Page - Analog Devices AD5611BKSZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5601/AD5611/AD5621
Rev. F | Page 9 of 24
Figure 17. Power-On Reset to 0 V
Figure 18. VDD vs. VOUT
Figure 19. Digital-to-Analog Glitch Energy
Figure 20. 1/f Noise, 0.1 Hz to 10 Hz Bandwidth
Figure 21. Exiting Power-Down Mode
Figure 22. IDD vs. SCLK vs. Code
CH2
CH1
VDD = 5V
TA = 25°C
VDD
VOUT = 70mV
CH1 1V, CH2 20mV, TIME BASE = 20µs/DIV
CH1 1V, CH2 5V, TIME BASE = 50µs/DIV
CH2
CH1
VDD
VOUT
VDD = 5V
TA = 25°C
SAMPLE NUMBER
0
100
200
300
400
500
2.458
2.456
2.454
2.452
2.450
2.448
2.446
2.444
2.442
2.440
2.438
2.436
TA = 25°C
VDD = 5V
LOAD = 2kΩ AND 220pF
CODE 0x2000 TO 0x1FFF
10ns/SAMPLE NUMBER
CH1
CH1 5µV/DIV
VDD = 5V
TA = 25°C
MIDSCALE LOADED
CH1 5V, CH2 1V, TIME BASE = 2µs/DIV
CH1
CH2
VDD = 5V
TA = 25°C
VOUT
0
20
40
60
80
100
120
140
0
5
10
15
20
25
FREQUENCY (MHz)
3/4 SCALE
FULL SCALE
1/4 SCALE
MIDSCALE
ZERO SCALE


Similar Part No. - AD5611BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5611BKSZ-REEL7 AD-AD5611BKSZ-REEL7 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611BKSZ-REEL7 AD-AD5611BKSZ-REEL7 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

Similar Description - AD5611BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5602 AD-AD5602 Datasheet
563Kb / 24P
   2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
REV. B
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com