Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08PA60 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC9S08PA60
Description  MC9S08PA60 Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08PA60 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC9S08PA60 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08PA60 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08PA60 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08PA60 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08PA60 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08PA60 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08PA60 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08PA60 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08PA60 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
• Input/Output
– 57 GPIOs including one output-only pin
– Two 8-bit keyboard interrupt modules (KBI)
– Two true open-drain output pins
– Eight, ultra-high current sink pins supporting 20 mA source/sink current
• Package options
– 64-pin LQFP; 64-pin QFP
– 48-pin LQFP
– 44-pin LQFP
– 32-pin LQFP
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
2
Freescale Semiconductor, Inc.


Similar Part No. - MC9S08PA60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08PA60 NXP-MC9S08PA60 Datasheet
897Kb / 41P
   MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
MC9S08PA60A NXP-MC9S08PA60A Datasheet
897Kb / 41P
   MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
More results

Similar Description - MC9S08PA60

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com