Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1262CACTR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1262CACTR
Description  Dual Photovoltaic MOSFET Driver Solid-State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1262CACTR Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1262CACTR Datasheet HTML 1Page - Vishay Siliconix LH1262CACTR Datasheet HTML 2Page - Vishay Siliconix LH1262CACTR Datasheet HTML 3Page - Vishay Siliconix LH1262CACTR Datasheet HTML 4Page - Vishay Siliconix LH1262CACTR Datasheet HTML 5Page - Vishay Siliconix LH1262CACTR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LH1262CAC, LH1262CACTR, LH1262CB
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 26-Sep-11
3
Document Number: 83802
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Typical Dual Form A Solid-State Relay Application
PACKAGE DIMENSIONS in inches (millimeters)
ilh1262cb_08
P-channel
JFET
P-channel
JFET
2.0 M
Ω
2.0 M
Ω
5
6
7
8
1
2
3
4
Channel 1
control
Channel 2
control
+
+
Switch 1
N-channel
MOSFETs
Switch 2
N-channel
MOSFETs
i178008
pin one ID
6.81
6.48
9.91
9.63
1.14
0.76
4° typ.
2.54 typ.
10°
3° to 9°
7.62 typ.
0.56
0.46
0.30
0.20
3.30
2.79
3.81
3.30
0.89
0.51
6.35
5.84
4
3
2
1
0.79
1.27
5
6
78
DIP
ISO method A


Similar Part No. - LH1262CACTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1262CACTR VISHAY-LH1262CACTR Datasheet
163Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid State Relay
Rev. 1.3, 26-Oct-04
LH1262CACTR VISHAY-LH1262CACTR Datasheet
158Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.5, 31-Jan-2019
LH1262CACTR VISHAY-LH1262CACTR Datasheet
157Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
LH1262CACTR VISHAY-LH1262CACTR Datasheet
157Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
LH1262CACTR VISHAY-LH1262CACTR Datasheet
158Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2023
More results

Similar Description - LH1262CACTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC_V01 Datasheet
172Kb / 8P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
LH1262 VISHAY-LH1262 Datasheet
158Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.5, 31-Jan-2019
LH1262CB VISHAY-LH1262CB_V01 Datasheet
157Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
LH1262CAC VISHAY-LH1262CAC_V01 Datasheet
157Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
VO1263AAC VISHAY-VO1263AAC Datasheet
135Kb / 7P
   Dual Photovoltaic MOSFET Driver Solid State Relay
Rev. 1.6, 07-May-08
VO1263AAC VISHAY-VO1263AAC_13 Datasheet
150Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.8, 29-May-13
LH1262CACTR VISHAY-LH1262CACTR Datasheet
163Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid State Relay
Rev. 1.3, 26-Oct-04
VO1263AAC VISHAY-VO1263AAC_V02 Datasheet
172Kb / 8P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2023
LH1262CB VISHAY-LH1262CB_V02 Datasheet
158Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2023
logo
Fairchild Semiconductor
HSR312 FAIRCHILD-HSR312 Datasheet
371Kb / 8P
   PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com