Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD03 Datasheet(PDF) 7 Page - Protek Devices

Part # PSD03
Description  HIGH POWERED TVS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSD03 Datasheet(HTML) 7 Page - Protek Devices

  PSD03_12 Datasheet HTML 1Page - Protek Devices PSD03_12 Datasheet HTML 2Page - Protek Devices PSD03_12 Datasheet HTML 3Page - Protek Devices PSD03_12 Datasheet HTML 4Page - Protek Devices PSD03_12 Datasheet HTML 5Page - Protek Devices PSD03_12 Datasheet HTML 6Page - Protek Devices PSD03_12 Datasheet HTML 7Page - Protek Devices PSD03_12 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05118.R14 10/12
Page 7
PSD03 - PSD36C
TAPe AnD Reel
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape
Pin 1 Indicated by Band
SPeCiFiCATionS
Reel DiA.
TAPe
wiDTh
A0
B0
k0
D
e
F
w
P0
P2
P
tmax
178mm (7”)
8mm
1.55 ± 0.10 2.90 ± 0.10 1.35 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10
0.25
noTeS
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 3,000 pieces per 8mm tape.
4. Marking on Part - marking code (see page 2), polarity band (Unidirectional Only).
Package outline, pad layout and tape specifications per document number 06010.R4 9/10.
oRDeRing inFoRMATion
BASe PART nuMBeR
(xx = Voltage)
leADFRee SuFFiX
TAPe SuFFiX
QTY/Reel
Reel SiZe
TuBe QTY
PSDxx/PSDxxC
-LF
-T7
3,000
7”
n/a
This device is only available in a Lead-Free configuration.


Similar Part No. - PSD03_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSD03 PROTEC-PSD03_11 Datasheet
662Kb / 8P
   HIGH POWERED TVS ARRAY
More results

Similar Description - PSD03_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSD05HP PROTEC-PSD05HP Datasheet
626Kb / 8P
   HIGH POWERED TVS ARRAY
PAM08SD2305C PROTEC-PAM08SD2305C Datasheet
611Kb / 7P
   HIGH POWERED TVS ARRAY
PAM09SD2305HP PROTEC-PAM09SD2305HP Datasheet
604Kb / 7P
   HIGH POWERED TVS ARRAY
PSD03 PROTEC-PSD03_11 Datasheet
662Kb / 8P
   HIGH POWERED TVS ARRAY
PAM26SD2305 PROTEC-PAM26SD2305 Datasheet
633Kb / 7P
   HIGH POWERED TVS ARRAY
PSD05HP PROTEC-PSD05HP_12 Datasheet
738Kb / 8P
   HIGH POWERED TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI_12 Datasheet
655Kb / 6P
   HIGH POWERED VSIP짰 TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI_11 Datasheet
654Kb / 6P
   high powered VSIP짰 tvs array
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com