Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD18 Datasheet(PDF) 3 Page - Protek Devices

Part # PSD18
Description  HIGH POWERED TVS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSD18 Datasheet(HTML) 3 Page - Protek Devices

  PSD18 Datasheet HTML 1Page - Protek Devices PSD18 Datasheet HTML 2Page - Protek Devices PSD18 Datasheet HTML 3Page - Protek Devices PSD18 Datasheet HTML 4Page - Protek Devices PSD18 Datasheet HTML 5Page - Protek Devices PSD18 Datasheet HTML 6Page - Protek Devices PSD18 Datasheet HTML 7Page - Protek Devices PSD18 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05118.R14 10/12
Page 3
PSD03 - PSD36C
TYPiCAl DeViCe ChARACTeRiSTiCS
FiguRe 1
PeAk PulSe PoweR VS PulSe TiMe
t
d - Pulse Duration - µs
500W, 8/20µs Waveform
400W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
Peak Pulse Power
8/20µs
Average Power
FiguRe 3
PoweR DeRATing CuRVe
T
A - Ambient Temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FiguRe 2
PulSe wAVe FoRM
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120


Similar Part No. - PSD18

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSD18 PROTEC-PSD18 Datasheet
85Kb / 4P
   DEVICE CHARACTERISTICS
PSD18 PROTEC-PSD18 Datasheet
75Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSD18 PROTEC-PSD18 Datasheet
172Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSD18 PROTEC-PSD18 Datasheet
662Kb / 8P
   HIGH POWERED TVS ARRAY
PSD18-LF-T7 PROTEC-PSD18-LF-T7 Datasheet
75Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PSD18

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSD05HP PROTEC-PSD05HP Datasheet
626Kb / 8P
   HIGH POWERED TVS ARRAY
PAM08SD2305C PROTEC-PAM08SD2305C Datasheet
611Kb / 7P
   HIGH POWERED TVS ARRAY
PAM09SD2305HP PROTEC-PAM09SD2305HP Datasheet
604Kb / 7P
   HIGH POWERED TVS ARRAY
PSD03 PROTEC-PSD03_11 Datasheet
662Kb / 8P
   HIGH POWERED TVS ARRAY
PAM26SD2305 PROTEC-PAM26SD2305 Datasheet
633Kb / 7P
   HIGH POWERED TVS ARRAY
PSD05HP PROTEC-PSD05HP_12 Datasheet
738Kb / 8P
   HIGH POWERED TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI_12 Datasheet
655Kb / 6P
   HIGH POWERED VSIP짰 TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI_11 Datasheet
654Kb / 6P
   high powered VSIP짰 tvs array
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com