Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSLC15C Datasheet(PDF) 3 Page - Protek Devices

Part # PSLC15C
Description  350 WATT LOW CAPACITANCE TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSLC15C Datasheet(HTML) 3 Page - Protek Devices

  PSLC15C Datasheet HTML 1Page - Protek Devices PSLC15C Datasheet HTML 2Page - Protek Devices PSLC15C Datasheet HTML 3Page - Protek Devices PSLC15C Datasheet HTML 4Page - Protek Devices PSLC15C Datasheet HTML 5Page - Protek Devices PSLC15C Datasheet HTML 6Page - Protek Devices PSLC15C Datasheet HTML 7Page - Protek Devices PSLC15C Datasheet HTML 8Page - Protek Devices PSLC15C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05091.R16 10/12
Page 3
PSLC03 - PSLC24C
tyPiCaL DeviCe ChaRaCteRiStiCS
FiguRe 1
Peak PuLSe PoweR vS PuLSe tiMe
t
d - Pulse Duration - µs
350W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
Peak Pulse Power
8/20µs
Average Power
FiguRe 3
PoweR DeRating CuRve
t
a - ambient temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FiguRe 2
PuLSe wave FoRM
t - time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120


Similar Part No. - PSLC15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSLC15C PROTEC-PSLC15C Datasheet
206Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PSLC15C PROTEC-PSLC15C Datasheet
96Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PSLC15C PROTEC-PSLC15C Datasheet
898Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
PSLC15C-LF-T13 PROTEC-PSLC15C-LF-T13 Datasheet
96Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PSLC15C-LF-T7 PROTEC-PSLC15C-LF-T7 Datasheet
96Kb / 5P
   LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PSLC15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
USB0403 PROTEC-USB0403_12 Datasheet
901Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
PSLC03 PROTEC-PSLC03_11 Datasheet
898Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
USB0403 PROTEC-USB0403_10 Datasheet
900Kb / 9P
   350 watt low capacitance tvs array
PSMDA05-6 PROTEC-PSMDA05-6_11 Datasheet
504Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_12 Datasheet
506Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
SLVU2.8-8G PROTEC-SLVU2.8-8G Datasheet
690Kb / 8P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8 PROTEC-SLVU2.8_11 Datasheet
960Kb / 9P
   600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_12 Datasheet
887Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_11 Datasheet
789Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_11 Datasheet
886Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com