Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8585 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8585
Description  WIDE RANGE, LINEAR LED DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8585 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8585 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8585 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8585 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8585 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8585 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8585 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.belling.com.cn
2
BL8585
MARKING INFORMATION
Marking information
Marking
Description
8585
YYBZZ
8585
Product code
YY
Lot NO.
B
FAB code
ZZ
Date code
ORDERING INFORMATION
BL8585
1
2
3
Code
Description
1
Temperature & Rohs:
C: -40~85
C,Pb Free Rohs Std.
2
Package type:
H: TO-92
3
Packing type:
PT: Paper type
BG: Bag (TO-92)
ABSOLUTE MAXIMUM RATING
Name
Symbol
Value
Unit
Max Supply Voltage
VA-B
90
V
Thermal resistance
Θ
JA
170
℃/W
Maximum Junction temperature
TJ
150
Storage temperature
Tst
-55 to150
ELECTRICAL CHARACTERISTICS
BLOCK DIOGRAM
Symbol
Item
Conditions
Min
Typ
Max
Unit
VA-B
Operating Input Voltage
N/A
5
90
V
IA-B
Current regulation
VA-B=5-90V,
ISET=20mA
-10
+10
%
VIS
Current sense voltage
0.6
V
TJ
Operating junction
temperature
-45
125


Similar Part No. - BL8585

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8580 BELLING-BL8580 Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8580/1 BELLING-BL8580/1 Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8580PRC BELLING-BL8580PRC Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8581A BELLING-BL8581A Datasheet
392Kb / 7P
   PWM or Singl-Wire Dimming, 4-Channels WLED Linear Driver
BL8581PS BELLING-BL8581PS Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
More results

Similar Description - BL8585

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
   Linear LED Driver
logo
Allegro MicroSystems
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
CUI INC
VLD25-300-SMT CUI-VLD25-300-SMT Datasheet
406Kb / 6P
   LED DRIVER wide input and output voltage range SMT package
logo
International Rectifier
IRPLLNR5 IRF-IRPLLNR5 Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com