Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8585 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8585
Description  WIDE RANGE, LINEAR LED DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8585 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8585 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8585 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8585 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8585 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8585 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8585 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.belling.com.cn
3
BL8585
OPERATION
The BL8585 is a high voltage integrated
constant current driver. It can operate in a
wide range from 5V to 90V, and the output
current can be programmed just by change the
sense resistor. This module provides a precise
regulated
output
current,
the
typical
application is showed in figure 1.
As the BL8585 is a linear power supply, with
high input voltage, the power dissipation
should be considered. For example, if the set
current is 20mA, when the VA-B is 5V, the
module dissipation
W
P
I
V
P
D
SET
B
A
D
1
.
0
If the VA-B is 90V, the power dissipation is as
high as 1.8W. An external resistor R1 can be
added to reduce the power dissipation of the
BL8585. Then the power dissipation on the
IC becomes
)
(
1
R
V
V
I
V
P
Sense
B
A
SET
B
A
D
When the ambient temperature is fixed, from
thermal resistance value, the maximum power
dissipation of the IC can be calculated. Say
the maximum allowed temperature increase is
50C, with TO-92 package (170C/W thermal
resistance), the maximum allowed power
dissipation is 0.29W. Assume the maximum
VA-B is 50V, Iset = 20mA, and Vsense = 0.6V.
Then
k
V
P
I
V
V
R
B
A
D
SET
sense
B
A
5
.
3
)
/(
)
(
1
R1’s power requirement can be calculated by
W
R
V
P
B
A
R
71
.
0
1
2
1
Rsense can be calculated from sense voltage
and current set:
30
SET
IS
sense
I
V
R
LC1920
Is
VA
VB
UP to 90V+VLED
Figure1: Typical application circuit
R1
Rsense
ISET
BL8585


Similar Part No. - BL8585

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8580 BELLING-BL8580 Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8580/1 BELLING-BL8580/1 Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8580PRC BELLING-BL8580PRC Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8581A BELLING-BL8581A Datasheet
392Kb / 7P
   PWM or Singl-Wire Dimming, 4-Channels WLED Linear Driver
BL8581PS BELLING-BL8581PS Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
More results

Similar Description - BL8585

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
   Linear LED Driver
logo
Allegro MicroSystems
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
CUI INC
VLD25-300-SMT CUI-VLD25-300-SMT Datasheet
406Kb / 6P
   LED DRIVER wide input and output voltage range SMT package
logo
International Rectifier
IRPLLNR5 IRF-IRPLLNR5 Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com