Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1958Q Datasheet(PDF) 4 Page - Sony Corporation

Part # CXD1958Q
Description  MMDS TCM/QAM Demodulator FEC ADC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1958Q Datasheet(HTML) 4 Page - Sony Corporation

  CXD1958Q Datasheet HTML 1Page - Sony Corporation CXD1958Q Datasheet HTML 2Page - Sony Corporation CXD1958Q Datasheet HTML 3Page - Sony Corporation CXD1958Q Datasheet HTML 4Page - Sony Corporation CXD1958Q Datasheet HTML 5Page - Sony Corporation CXD1958Q Datasheet HTML 6Page - Sony Corporation CXD1958Q Datasheet HTML 7Page - Sony Corporation CXD1958Q Datasheet HTML 8Page - Sony Corporation CXD1958Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
– 4 –
CXD1958Q
Name
Pin No.
Type
Drive
Function
TSCLK
TSSYNC
TSDISABLE
AGC
RFAGC
TEN
TCLK
TDATA
TWR_N
SEN1
SEN0
31
32
35
88
89
36
37
38
39
42
43
Digital
tristate output
Digital
tristate output
Digital
Schmitt-trigger
5V tolerant input
Digital
output
Digital
output
Digital
Schmitt-trigger
5V tolerant input
Digital
Schmitt-trigger
5V tolerant input
Digital
Schmitt-trigger
5V tolerant input
Digital
Schmitt-trigger
5V tolerant input
Digital
open-drain output
Digital
open-drain output
4mA
4mA
N/A
2mA
2mA
N/A
N/A
N/A
N/A
12mA
12mA
MPEG2 transport stream byte clock.
The polarity and timing of this signal is
programmable. Tristate following
hardware reset. External pull-up or pull-
down resistor required.
Indicates MPEG2 47H sync byte in
transport stream packet. The polarity
and timing of this signal is
programmable. Tristate following
hardware reset. External pull-up or pull-
down resistor required.
Input to disable MPEG2-TS interface
outputs.
MPEG2 transport stream output pins
TSDATA[7:0], TSCLK, TSSYNC,
TSVALID, TSERR to be put into tristate
mode if this input is asserted high. The
same outputs may also be set tristate
via I2C bus control.
External IF AGC control.
External RF AGC control.
Host CPU control input. Can be used to
control 3-wire bus outputs SEN0 and
SEN1.
Host CPU control input. Can be used to
control 3-wire bus output SCLK.
Host CPU control input. Can be used to
control 3-wire bus output SDATA.
Host CPU control input used to register
TEN, TCLK, TDATA on rising edge and
update SEN, SCLK and SDATA outputs
in one mode of the 3-wire bus operation.
3-wire bus interface enable output.
Polarity programmable and equivalent to
polarity of SEN0. Must be pulled up by
external resistor to 3.3V or 5V if used.
3-wire bus interface enable output or
pass-FET contol for tuner I2C bus.
Programmable polarity. Must be pulled
up by external resistor to 3.3V or 5V if
used.
MPEG2 Transport Stream Interface (Cont.)
Tuner Interface (Control and AGC)


Similar Part No. - CXD1958Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
   Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
   Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
More results

Similar Description - CXD1958Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS3810 ETC1-CS3810 Datasheet
265Kb / 12P
   32 QAM Demodulator
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
logo
NXP Semiconductors
TDA8046 PHILIPS-TDA8046 Datasheet
245Kb / 48P
   Multi-mode QAM demodulator
1996 Nov 19
logo
STMicroelectronics
STV0196B STMICROELECTRONICS-STV0196B Datasheet
236Kb / 23P
   QPSK/BPSK DEMODULATOR AND FEC IC
STV0297E STMICROELECTRONICS-STV0297E Datasheet
81Kb / 5P
   QAM demodulator IC with A/D converter
logo
Synaptics Incorporated.
CX24114 CONEXANT-CX24114 Datasheet
606Kb / 2P
   Advanced Modulation Demodulator and Turbo FEC Decoder
logo
STMicroelectronics
STI7197 STMICROELECTRONICS-STI7197 Datasheet
97Kb / 4P
   Advanced STB decoder with integrated QAM demodulator
logo
Sony Corporation
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
   DVB-S Front-end IC (QPSK demodulator FEC)
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
   Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
   Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com