Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL22P64 Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL22P64
Description  BL22P64 can be used for dedicated control functions in a variety of applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL22P64 Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL22P64 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TEL:86-21-64850700
WEB: www.belling.com.cn
Page 8 of 15
B
BB
BL
LL
L22P64
22P64
22P64
22P64 SPEC
SPEC
SPEC
SPECIFICATION
IFICATION
IFICATION
IFICATION
上海贝岭
上海贝岭
上海贝岭
上海贝岭股份
股份
股份
股份有限公司
有限公司
有限公司
有限公司
Shanghai Belling Co., Ltd.
5.3.13 P1CON(
(Port 1 Control Register)
.7 P11OD P11 Open-drain Enable Bit
0: P11 as a push-pull output
1: P11 as a n-channel open-drain output
.6 P10OD P10 Open-drain Enable Bit
0: P11 as a push-pull output
1: P11 as a n-channel open-drain output
.5-.4 Not used
.3-.2 P11C[1:0]
P11 Configuration Bits
00: Schmitt trigger input
01: Schmitt trigger input; pull-up enable
10: Push-pull output
11: Schmitt trigger input; pull-down enable
.1-.0 P10C[1:0]
P10 Configuration Bit
00: Schmitt trigger input
01: Schmitt trigger input; pull-up enable
10: Push-pull output
11: Schmitt trigger input; pull-down enable
NOTEWhen system clock comes from crystal/ceramic oscillator or
external RC oscillator, P10 and P11 must be set as input and pull-up disable
5.3.14 P2CONH(
(Port 2 Control Register (High Byte))
.7 Not used
.6-.4 P26C[2:0]
P26 Configuration Bits
000: Schmitt trigger input; pull-up enable
001: Schmitt trigger input
01x: A/D converter input (ADC8)
100: Open-drain output
101: Open-drain output; pull-up enable
110: Open-drain output
111: CLO output
.3-.2 P25C[1:0]
P25 Configuration Bits
00: Schmitt trigger input; pull-up enable
01: Schmitt trigger input
10: Push-pull output
11: Open-drain output
.1-.0 P24C[1:0]
P24 Configuration Bits
00: Schmitt trigger input; pull-up enable
01: Schmitt trigger input
10: Push-pull output
11: Open-drain output
5.3.15 P2CONL(
(Port 2 Control Register (Low Byte))
.7-.6 P23C[2:0] P23 Configuration Bits


Similar Part No. - BL22P64

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL22P14 BELLING-BL22P14 Datasheet
334Kb / 33P
   BL22P14 is an 8-bit high performance single chip microcontroller
More results

Similar Description - BL22P64

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Omron Electronics LLC
E32-G14 OMRON-E32-G14 Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-D22B OMRON-E32-D22B Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
   The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
Omron Electronics LLC
XW2Z-100K OMRON-XW2Z-100K Datasheet
2Mb / 29P
   Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
logo
Pentair plc. All rights...
WPX-BB PENTAIR-WPX-BB Datasheet
206Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
logo
Lattice Semiconductor
LFMXO5-25 LATTICE-LFMXO5-25 Datasheet
3Mb / 102P
   The MachXO5™-NX family of low-power FPGAs can be used in a wide range of applications
May 2022
logo
Shanghai Leiditech Elec...
LM6.0CB LEIDITECH-LM6.0CB Datasheet
1Mb / 4P
   TVS diodes can be used in a wide range of applications which like consumer electronic products
SMAJ6.8CA LEIDITECH-SMAJ6.8CA Datasheet
909Kb / 5P
   TVS diodes can be used in a wide range of applications which like consumer electronic products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com