Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2053AS Datasheet(PDF) 11 Page - Sony Corporation

Part # CXD2053AS
Description  Auto Wide, EDTV-II ID Detection, ID-1 Detection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2053AS Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD2053AS Datasheet HTML 6Page - Sony Corporation CXD2053AS Datasheet HTML 7Page - Sony Corporation CXD2053AS Datasheet HTML 8Page - Sony Corporation CXD2053AS Datasheet HTML 9Page - Sony Corporation CXD2053AS Datasheet HTML 10Page - Sony Corporation CXD2053AS Datasheet HTML 11Page - Sony Corporation CXD2053AS Datasheet HTML 12Page - Sony Corporation CXD2053AS Datasheet HTML 13Page - Sony Corporation CXD2053AS Datasheet HTML 14Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
– 11 –
CXD2053AM/AS
6. Processing of EDTV-II ID and ID-1 data from the bus
EDTV-II ID
or ID-1
EDVLD or
VBVLD
Decoder
Data validity judgment
I2C
CXD2053AM/AS
Pin direct output
to microcomputer
As shown in the figure above, the data validity judgment and decoding results are obtained independently
during EDTV-II ID or ID-1 decoding. When outputting these results directly to pins, the results are output after
first taking their logical product (AND). These results are output independently to the I2C bus.
Therefore, processing inside the microcomputer which has acquired the information from the I2C is performed
either by simply outputting this data directly to the pins or by taking the logical product (AND) as above.
In addition, performing the processing when the data validity judgment result (EDVLD or VBVLD) is 1 and the
decoding result is 0 allows video to be judged as 4:3 video. Even video which has had the top and bottom of
the screen blacked out due to picture composition intentions can be viewed as the original 4:3 video by giving
this judgment priority over the auto wide function.
7. Setting EDTV-II ID decoding function
The performance of the EDTV-II ID decoding function can be switched directly by pin settings during either I2C
bus or bus-free mode.
Setting
I2C exists
I2C -free
Resistance to ghosting
Resistance to weak
electric fields
ED2FSC = 0
EDDEC2 bit3 = 0, bit2 = 1
SCL (15pin) = Low
SDA (16pin) = Low
Medium
Medium
ED2FSC = 0
EDDEC2 bit3 = 1, bit2 = 0
SCL (15pin) = High
SDA (16pin) = Low
Strong
Medium
ED2FSC = 1
EDDEC2 bit3 = 1, bit2 = 0
SCL (15pin) = High
SDA (15pin) = High
Strong
Strong
Table 5. EDTV-II ID decoding function switching
ED2FSC is originally a function which stops the 3.58MHz amplitude check for the Y signal input from the S
terminal, etc. However, it can also be used in combination with the EDDEC2 setting to increase the resistance
to ghosting and weak electric fields as shown in the table above. EDDEC2 is the luminance check level
switching during the 3.58MHz or 2.04MHz confirmation signal interval.
Similarly, although EDDEC1 is the 2.04MHz amplitude check level switching, it should be set to bit 5 = 0 and
bit 4 = 1.
Since EDTV-II ID identification for this IC is simple identification, increasing the resistance to weak electric
fields, etc. results in a tradeoff which increases the possibility of misoperation. Accordingly, the leftmost
settings in the table above should be used as the standard settings, and other settings used only when
necessary.


Similar Part No. - CXD2053AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2027Q SONY-CXD2027Q Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2027R SONY-CXD2027R Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2043 SONY-CXD2043 Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
More results

Similar Description - CXD2053AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2085M SONY-CXD2085M Datasheet
113Kb / 11P
   ID-1 Detection
logo
Maxim Integrated Produc...
MAX20330AEVKIT MAXIM-MAX20330AEVKIT Datasheet
766Kb / 9P
   USB or 3.5mm Jack ID Detection
Rev 1; 2/19
logo
Zilog, Inc.
ZEPIR0BAS02MODG ZILOG-ZEPIR0BAS02MODG Datasheet
758Kb / 78P
   ZMOTION짰 Detection Module II
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
logo
Panasonic Semiconductor
EKMB1205111 PANASONIC-EKMB1205111 Datasheet
595Kb / 10P
   WL series?팆orizontally wide detection type
logo
Toshiba Semiconductor
TC90A18AF TOSHIBA-TC90A18AF Datasheet
324Kb / 8P
   TIME COMPRESSION LSI FOR EDTV-II WIDE-SCREEN TVs
logo
Silicon Laboratories
SI2493D SILABS-SI2493D Datasheet
1Mb / 60P
   Type I and II caller ID decode
logo
Figaro Engineering Inc.
TGS3830 FIGARO-TGS3830 Datasheet
296Kb / 2P
   Detection Chlorofluorocarbons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com