Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2064Q Datasheet(PDF) 7 Page - Sony Corporation

Part # CXD2064Q
Description  Digital Comb Filter (NTSC/PAL)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2064Q Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXD2064Q Datasheet HTML 3Page - Sony Corporation CXD2064Q Datasheet HTML 4Page - Sony Corporation CXD2064Q Datasheet HTML 5Page - Sony Corporation CXD2064Q Datasheet HTML 6Page - Sony Corporation CXD2064Q Datasheet HTML 7Page - Sony Corporation CXD2064Q Datasheet HTML 8Page - Sony Corporation CXD2064Q Datasheet HTML 9Page - Sony Corporation CXD2064Q Datasheet HTML 10Page - Sony Corporation CXD2064Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
– 7 –
CXD2064Q
Description of Functions
• Y/C separation mode
The Y/C separation mode can be switched by the following pin settings.
Adaptive processing mode:
Y/C separation is performed by detecting the correlation between three lines and switching between comb
filter and BPF processing.
BPF separation mode:
Y/C separation is performed only by BPF processing.
Through mode:
The composite video signal input from ADIN (Pin 2) is A/D converted and then D/A converted without
modification. D/A outputs are AYO (Pin 9) and ACO (Pin 7).
• Horizontal aperture correction circuit
This circuit corrects the frequency response degradation caused by the aperture effects accompanying D/A
conversion. This circuit is valid in the adaptive processing and BPF separation modes noted above.
• Trap filter circuit
A trap filter is applied to remove the frequency components near fsc in the luminance signal after Y/C
separation.
This reduces the fsc frequency component gain by approximately 2.5dB.
This circuit is valid in the adaptive processing and BPF separation modes noted above.
• Using the internal PLL (clock selection method)
Mode name
Adaptive processing mode
BPF separation mode
Through mode
MOD2 (Pin 17)
L
H
H
MOD1 (Pin 19)
L
L
H
PLL used
PLL not used
FIN (Pin 37)
fsc input
2fsc input
4fsc input
CKSL (Pin 38)
H
H
L
PLSL (Pin 39)
L
H
L/H


Similar Part No. - CXD2064Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2027Q SONY-CXD2027Q Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2027R SONY-CXD2027R Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2043 SONY-CXD2043 Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
More results

Similar Description - CXD2064Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
TDA9183 PHILIPS-TDA9183 Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com