Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2073 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD2073
Description  Digital Comb Filter (NTSC)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2073 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD2073 Datasheet HTML 2Page - Sony Corporation CXD2073 Datasheet HTML 3Page - Sony Corporation CXD2073 Datasheet HTML 4Page - Sony Corporation CXD2073 Datasheet HTML 5Page - Sony Corporation CXD2073 Datasheet HTML 6Page - Sony Corporation CXD2073 Datasheet HTML 7Page - Sony Corporation CXD2073 Datasheet HTML 8Page - Sony Corporation CXD2073 Datasheet HTML 9Page - Sony Corporation CXD2073 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
– 6 –
CXD2073Q
Application Circuit for D/A Converter
DAVD
DAVS
: analog power supply 5V
: analog ground
AYO
VRF
IRF
ACO
VG
VB
0.1µ
0.1µ
3.3k
(R')
200
(R)
C OUT
Y OUT
200
(R)
0.1µ
2k
3k
0.1µ
10µ
6
8
7
9
12
4
10
11
• Method of selecting output resistance
The CXD2073Q has a built-in current output-type D/A converter. To obtain the output voltages, connect
resistors to AYO and ACO pins.
VFS = IFS
× R
Here, VFS is output full-scale voltage, IFS is output full-scale current, and R is the output resistance
connected to each IO.
In addition, connect a resistance of 16 times the output resistor to the reference current pin IRF. In the case
where the value comes to be impractical, use a value of resistance as close to the value calculated as
possible. At that time,
VFS = VRF
× 16 × R/R'.
R is the output resistance connected to each IO, R' is the resistance connected to IRF, and VRF is the VRF
pin voltage. Power consumption can be reduced by using higher resistance values, but then glitch energy
and data settling time increase contrastingly. Select optimum resistance values according to the system
applications.
In case of the circuit above, VFS = 2 [V]
× 16 × 0.2k/3.3k ≈ 1.93 [V], IFS = 1.93/0.2k ≈ 9.65 [mA].


Similar Part No. - CXD2073

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2073 SONY-CXD2073 Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
More results

Similar Description - CXD2073

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
NXP Semiconductors
TDA9183 PHILIPS-TDA9183 Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
SAA4963 PHILIPS-SAA4963 Datasheet
116Kb / 20P
   Integrated NTSC comb filter
1997 Mar 03
logo
Sony Corporation
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
NXP Semiconductors
SAA7152 PHILIPS-SAA7152 Datasheet
69Kb / 15P
   Digital Video Comb Filter DCF
August 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com