Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL6502A Datasheet(PDF) 9 Page - SHANGHAI BELLING CO., LTD.

Part # BL6502A
Description  Single Phase Energy Meter IC with Integrated Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6502A Datasheet(HTML) 9 Page - SHANGHAI BELLING CO., LTD.

Back Button BL6502A Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6502A Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6502A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6502A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6502A Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL6502A Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL6502A Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL6502A Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL6502A Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BL6502A
BL6502A
BL6502A
BL6502A
http://www.belling.com.cn
- 9 -
3/15/2007
Total 14 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
such, the meter designed for the 50Hz input signal can be used on the transmission-line system of
electric power whose frequency is 60Hz.
VOLTAGE CHANNEL INPUT
The output of the line voltage transducer is connected to the BL6502A at this analog input. As
Figure4 shows that channel V2 is a fully differential voltage input. The maximum peak differential
signal on Channel 2 is ±660mV. Figure4 illustrates the maximum signal levels that can be
connected to the BL6502A Voltage Channel.
V1
V2
+660mV
-660mV
V1
V2
AGND
V1A
V1N
+
-
V1B
+
-
V1
GAIN
GAIN
Maximun input differential voltage
±660mV
Maximun input common-mode voltage
±100mV
Figure 4.
Voltage Channels
Voltage Channel must be driven from a common-mode voltage, i.e., the differential voltage signal
on the input must be referenced to a common mode (usually GND). The analog inputs of the
BL6502A can be driven with common-mode voltages of up to 100 mV with respect to GND.
However, best results are achieved using a common mode equal to GND.
Figure5 shows two typical connections for Channel V2. The first option uses a PT (potential
transformer) to provide complete isolation from the mains voltage. In the second option, the
BL6502A is biased around the neutral wire and a resistor divider is used to provide a voltage
signal that is proportional to the line voltage. Adjusting the ratio of Ra and Rb is also a convenient
way of carrying out a gain calibration on the meter.
AGND
VAP
VN
+
-
CF
AGND
CF
RF
RF
CT
±660mV
AGND
AGND
VAP
VN
+
-
CF
AGND
CF
Ra
RF
±660mV
AGND
AGND
Rb
Rv
AGND
Ra >> RF
Rb+Rv=RF
Phase Neutral
Phase Neutral
Figure 5.
Typical Connections for Voltage Channels


Similar Part No. - BL6502A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6502 BELLING-BL6502 Datasheet
441Kb / 11P
   BL6502
More results

Similar Description - BL6502A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
logo
Analog Devices
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
   Energy Metering IC with Integrated Oscillator
REV. PrC.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com