Electronic Components Datasheet Search
Selected language     English  ā–¼


K0104A10005 Datasheet(PDF) 1 Page - E-SWITCH

Part No. K0104A10005
Description  KEYLOCK SWITCHES
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  E-SWITCH [E-SWITCH]
Homepage  http://www.e-switch.com
Logo 

   
 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
K0104A10005
2:1
9/26/2006
K300114
B
TN
1
1
RECOMMENDED PANEL CUTOUT
SWITCH FUNCTION
POS 1
POS 2
ON
ON
CIRCUT: SPDT
CONTACT CONFIGURATION
90
~ INDEXING
POS 1
POS 2
LEGEND
.
= INDICATES KEY PULL POSSIBLE
.
= INDICATES DETENT POSITION
TERM 1-2 TERM 3-4
14.20
[.559 in]
R8.00
[.315 in]
5.00
[.197 in]
90.0Ā°
POS 1
POS 2
M16x1.0
A
16477
NEW PART RELEASE
9/26/2006
TN
NOTES:
1. ALL DIMENSIONS IN MM[INCH]
2. GENERAL TOLERANCE: x.x=
`0.4
x.xx=
`0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 3A @125VAC, 1.5A @250VAC
5. CONTACT RESISTANCE: 20milli-OHMS MAX
6. DIELECTRIC STRENGTH: 1500 Vrms
7. INSULATION RESISTANCE: 200 MEGA-OHMS MIN.
8. MATERIALS:
HOUSING: ZINC ALLOY DIE CAST W/ CHROME PLATING
CYLINDER: ZINC ALLOY DIE CAST W/CHROME PLATING
TERMINAL AND CONTACTS: SILVER PLATED
KEYS (2) KEY CODE 10005: TUBULAR ZINC ALLOY, CHROME PLATING
W/PLASTIC COVER
12.50
[.492 in]
19.00
[.748 in]
n
35.00
[1.378 in]
5.00
[.197 in]
8.50
[.335 in]
n
38.00
[1.496 in]
19.20
[.756 in]
HEX NUT
14.00
[.551 in]
n
1
2
3
4
B
16496
FIXED SWITCH FUNCTION TO ON-ON
9/28/2006
TN




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl