Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2131Q Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD2131Q
Description  Video Aspect Ratio Identification Signal Encoder/Decoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2131Q Datasheet(HTML) 1 Page - Sony Corporation

  CXD2131Q Datasheet HTML 1Page - Sony Corporation CXD2131Q Datasheet HTML 2Page - Sony Corporation CXD2131Q Datasheet HTML 3Page - Sony Corporation CXD2131Q Datasheet HTML 4Page - Sony Corporation CXD2131Q Datasheet HTML 5Page - Sony Corporation CXD2131Q Datasheet HTML 6Page - Sony Corporation CXD2131Q Datasheet HTML 7Page - Sony Corporation CXD2131Q Datasheet HTML 8Page - Sony Corporation CXD2131Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
The CXD2131Q is an IC that encodes and
decodes video aspect ratio identification signal
(conforming to EIAJ Standard CPX-1204) in the
vertical blanking interval of an NTSC video signal.
Features
• The processing formerly carried out by the two
chips CXA1727Q and CXD2122AQ has been
consolidated into this one chip.
• Both
microcomputer
serial
interface
and
I2C
interface functions are built in.
Applications
Wide-screen
televisions,
VCRs,
MUSE-NTSC
converters
Structure
Silicon gate CMOS IC
Absolute Maximum Ratings
• Supply voltage
VDD
VSS – 0.5 to +7.0
V
• Input voltage
VI
VSS – 0.5 to VDD + 0.5
V
• Output voltage
VO
VSS – 0.5 to VDD + 0.5
V
• Storage temperature
Tstg
–55 to +150
°C
Recommended Operating Conditions
• Supply voltage
VDD
4.5 to 5.5
V
• Operating temperature
Topr
–20 to +70
°C
– 1 –
CXD2131Q
E94Z26-ST
Video Aspect Ratio Identification Signal Encoder/Decoder
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
32 pin QFP (Plastic)
For the availability of this product, please contact the sales office.


Similar Part No. - CXD2131Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2107M SONY-CXD2107M Datasheet
128Kb / 7P
   HI8 SYSTEM DETECTION IC
CXD2163 SONY-CXD2163 Datasheet
1Mb / 57P
   SIGNAL PROCESSOR LSI FOR SINGLE-CHIP CCD COLOR CAMERA
CXD2163R SONY-CXD2163R Datasheet
1Mb / 57P
   SIGNAL PROCESSOR LSI FOR SINGLE-CHIP CCD COLOR CAMERA
More results

Similar Description - CXD2131Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW9920 RENESAS-TW9920 Datasheet
157Kb / 2P
   Analog Video Decoder/Encoder
logo
List of Unclassifed Man...
TW9920 ETC1-TW9920 Datasheet
956Kb / 88P
   Analog Video Decoder / Encoder
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
   MPEG-2 VIDEO Encoder/Decoder
logo
Renesas Technology Corp
TW9984 RENESAS-TW9984 Datasheet
180Kb / 2P
   4-Channel Video Decoder and Video Encoder for Automotive Applications
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
AV3168 ETC1-AV3168 Datasheet
196Kb / 24P
   Video Encoder
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
   PROGRAMMABLE ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com