Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61DDB41M18A Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS61DDB41M18A
Description  1Mx18, 512Kx36 18Mb DDR-II (Burst 4) CIO SYNCHRONOUS SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDB41M18A Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS61DDB41M18A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
IS61DDB41M18A
IS61DDB451236A
Integrated Silicon Solution, Inc.- www.issi.com
Rev. 00A
7/05/2012
2
Package Ballout and description
x36 FBGA Ball Configuration (Top View)
1
2
3
4
5
6
7
8
9
10
11
A
CQ#
NC/SA
1
NC/SA
1
R/W#
BW2#
K#
BW1#
LD#
SA
NC/SA
1
CQ
B
NC
DQ27
DQ18
SA
BW3#
K
BW0#
SA
NC
NC
DQ8
C
NC
NC
DQ28
VSS
SA
SA0
SA1
VSS
NC
DQ17
DQ7
D
NC
DQ29
DQ19
VSS
VSS
VSS
VSS
VSS
NC
NC
DQ16
E
NC
NC
DQ20
VDDQ
VSS
VSS
VSS
VDDQ
NC
DQ15
DQ6
F
NC
DQ30
DQ21
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
DQ31
DQ22
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ14
H
Doff#
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
DQ32
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ13
DQ4
K
NC
NC
DQ23
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ12
DQ3
L
NC
DQ33
DQ24
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
DQ34
VSS
VSS
VSS
VSS
VSS
NC
DQ11
DQ1
N
NC
DQ35
DQ25
VSS
SA
SA
SA
VSS
NC
NC
DQ10
P
NC
NC
DQ26
SA
SA
C
SA
SA
NC
DQ9
DQ0
R
TDO
TCK
SA
SA
SA
C#
SA
SA
SA
TMS
TDI
Notes:
1.
The following balls are reserved for higher densities: 3A for 36Mb, 10A for 72Mb and 2A for 144Mb.
x18 FBGA Ball Configuration (Top View)
1
2
3
4
5
6
7
8
9
10
11
A
CQ#
NC/SA
1
SA
R/W#
BW1#
K#
NC/SA
1
LD#
SA
NC/SA
1
CQ
B
NC
DQ9
NC
SA
NC/SA
1
K
BW0#
SA
NC
NC
DQ8
C
NC
NC
NC
VSS
SA
SA0
SA1
VSS
NC
DQ7
NC
D
NC
NC
DQ10
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
DQ11
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ6
F
NC
DQ12
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
NC
DQ13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff#
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ4
NC
K
NC
NC
DQ14
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ3
L
NC
DQ15
NC
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
DQ1
NC
N
NC
NC
DQ16
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
DQ17
SA
SA
C
SA
SA
NC
NC
DQ0
R
TDO
TCK
SA
SA
SA
C#
SA
SA
SA
TMS
TDI
Notes:
1.
The following balls are reserved for higher densities: 10A for 36Mb, 2A for 72Mb and 7A for 144Mb and 5B for 288Mb.


Similar Part No. - IS61DDB41M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB41M36-250M3 ISSI-IS61DDB41M36-250M3 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61DDB41M36A ISSI-IS61DDB41M36A Datasheet
807Kb / 32P
   Synchronous pipeline read with late write operation
More results

Similar Description - IS61DDB41M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDPB41M18A ISSI-IS61DDPB41M18A Datasheet
574Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDP2B41M18A ISSI-IS61DDP2B41M18A Datasheet
578Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB21M18A ISSI-IS61DDPB21M18A Datasheet
527Kb / 31P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B21M18A ISSI-IS61DDP2B21M18A Datasheet
534Kb / 31P
   1Mx18, 512Kx36 18Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
logo
Samsung semiconductor
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7J163682B SAMSUNG-K7J163682B Datasheet
411Kb / 18P
   512Kx36 & 1Mx18 DDR II SIO b2 SRAM
K7J161882B SAMSUNG-K7J161882B Datasheet
374Kb / 17P
   512Kx36 & 1Mx18 DDR II SIO b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com