Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL3406B Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL3406B
Description  1.5 MHz, 800mA Synchronous Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL3406B Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL3406B Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL3406B Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL3406B Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL3406B Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL3406B Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL3406B Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL3406B Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL3406B Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL3406B Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PPMIC BU
www.belling.com.cn
BL3406B Rev 1.5
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
10/2009
©2009 Belling All Rights Reserved
3
BL3406B
1.5 MHz, 800mA Synchronous Buck Converter
Pin Description
PIN
NAME
FUNCTION
1
RUN
Regulator Enable Control Input. Drive RUN above 1.5V to turn on the part.
Drive RUN below 0.3V to turn it off. In shutdown, all functions are disabled
drawing <1µA supply current. Do not leave RUN floating.
2
GND
Ground
3
SW
Power Switch Output. It is the switch node connection to external inductor. This
pin connects to the drains of the internal P-Channel and N-Channel MOSFET
switches.
4
VIN
Supply Input Pin. Must be closely decoupled to GND, Pin 2, with a 2.2µF or
greater ceramic capacitor.
5
VFB/VOUT
VFB (BL3406B-Adj): Feedback Input Pin. Connect FB to the center point of the
external resistor divider. The regulated voltage on this pin is 0.6V.
VOUT (BL3406B-1.2/BL3406B-1.5/BL3406B-1.8): Output Voltage Feedback Pin.
An internal resistive divider divides the output voltage down for comparison to the
internal reference voltage.
Block Diagram


Similar Part No. - BL3406B

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL34018 BELLING-BL34018 Datasheet
572Kb / 16P
   BL34018
More results

Similar Description - BL3406B

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
   1.5 MHz, Dual 800mA Synchronous Buck Converter
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
   1.5 MHz, 1A Synchronous Buck Converter
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
   800mA 1.5MHz 7V Synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1466 FS-FTD1466 Datasheet
671Kb / 7P
   60V 800mA 480KHz synchronous Buck Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
logo
First Silicon Co., Ltd
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
   40V, 800mA, 1.2MHz Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com