Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL3406B-1.8V Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL3406B-1.8V
Description  1.5 MHz, 800mA Synchronous Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL3406B-1.8V Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL3406B-1.8V Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL3406B-1.8V Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL3406B-1.8V Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL3406B-1.8V Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL3406B-1.8V Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL3406B-1.8V Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL3406B-1.8V Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL3406B-1.8V Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL3406B-1.8V Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PPMIC BU
www.belling.com.cn
BL3406B Rev 1.5
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
10/2009
©2009 Belling All Rights Reserved
1
BL3406B
1.5 MHz, 800mA Synchronous Buck Converter
FEATURES
• High Efficiency: Up to 96%
• 1.5MHz Constant Switching Frequency
• Current Mode Operation for Excellent
Line and Load Transient Response
• No Schottky Diode Required
• 2.5V to 5.5V Input Voltage Range
• 1.0V,1.2V,1.5V,1.8V,2.5V and 3.3V
Fixed/Adjustable Output Voltage
• 100% Duty Cycle in Dropout Mode
• Low Quiescent Current: 180µA
• Over temperature Protection
• Short Circuit Protection
• Shutdown Quiescent Current < 1µA
• Space Saving 5-Pin Thin SOT23 Package
APPLICATIONS
• Cellular and Smart Phones
• Wireless Handsets and DSL Modems
• Microprocessors and DSP Core Supplies
• PDAs
• Digital Still and Video Cameras
• MP3/MP4/MP5 Players
• Portable Instruments
• GPS Receivers
DESCRIPTION
The
BL3406B is
a constant frequency,
1.5MHz, slope compensated current mode
PWM step-down converter working under an
input voltage range of 2.5V to 5.5V. This
feature makes the BL3406B suitable for
single cell Li-ion battery-powered applications.
The internal synchronous rectifier is desired
to increase efficiency without an external
Schottky diode. 100% duty cycle capability
extends battery life in portable devices, while
the quiescent current is 180µA at no load,
and drops to < 1µA in shutdown. Pulse
Skipping Mode operation increases efficiency
at light loads, further extending battery life.
The BL3406B is offered in a low profile (1mm)
5-pin, thin SOT23 package, and is available
in an adjustable version and fixed output
versions of 1.0V, 1.2V, 1.5V , 1.8V, 2.5V and
3.3V.
ORDERING INFORMATION
TYPICAL APPLICATION
BL3406B –XX X XXX
Run
GND
SW
V
IN
V
FB
BL3406B-ADJ
4
1
2
3
5
L1
2.2 H
C3
10uF
C2
22pF
R2
200k
R1
100k
V
OUT1.8V
VIN
2.7V - 4.2V
C1
4.7uF
Figure 1. BL3406B-ADJ Typical Application Circuit
Package:
TRN: TSOT23-5
RN: SOT23-5
Output Voltage:
10: 1.0V
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
33: 3.3V
AD: Adjustable
Features:
P: Standard (default,
lead free)
C: Customized


Similar Part No. - BL3406B-1.8V

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL34018 BELLING-BL34018 Datasheet
572Kb / 16P
   BL34018
More results

Similar Description - BL3406B-1.8V

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
   1.5 MHz, Dual 800mA Synchronous Buck Converter
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
   1.5 MHz, 1A Synchronous Buck Converter
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
   800mA 1.5MHz 7V Synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1466 FS-FTD1466 Datasheet
671Kb / 7P
   60V 800mA 480KHz synchronous Buck Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
logo
First Silicon Co., Ltd
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
   40V, 800mA, 1.2MHz Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com