Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2300Q Datasheet(PDF) 8 Page - Sony Corporation

Part # CXD2300Q
Description  8-bit 18MSPS Video A/D Converter with 3.3V Power Supply Operation Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2300Q Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXD2300Q Datasheet HTML 4Page - Sony Corporation CXD2300Q Datasheet HTML 5Page - Sony Corporation CXD2300Q Datasheet HTML 6Page - Sony Corporation CXD2300Q Datasheet HTML 7Page - Sony Corporation CXD2300Q Datasheet HTML 8Page - Sony Corporation CXD2300Q Datasheet HTML 9Page - Sony Corporation CXD2300Q Datasheet HTML 10Page - Sony Corporation CXD2300Q Datasheet HTML 11Page - Sony Corporation CXD2300Q Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
—8—
CXD2300Q
DC characteristics
(Fc = 18MSPS, VDD = 3.3 V, VRB = 0 V, VRT = 1.5 V, Ta = 25 °C)
Supply current
Reference pin current
Analog input capacitance
Reference resistance
(VRT to VRB)
Self-bias
Digital input voltage
Digital input current
Digital output current
IDD
IREF
CIN
RREF
VRB1
VRT1 – VRB1
VIH
VIL
IIH
IIL
IOH
IOL
IOZH
IOZL
3.3
230
0.33
1.30
2.5
–1.0
3.3
Fc = 18MSPS
NTSC ramp wave input
VIN = 0.75 V + 0.07 Vrms
Shorts VRB and VRBS
Shorts VRT and VRTS
VDD = 3.14 to 3.6 V
Ta = –40 to +85 °C
VDD = max
OE = VSS
VDD = min
OE = VDD
VDD = max
5.5
4.6
8
330
0.36
1.39
10
6.6
440
0.39
1.48
0.5
5
5
16
16
mA
mA
pF
V
V
µA
mA
µA
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Timing
(Fc = 18MSPS, VDD = 3. 3V, VRB = 0 V, VRT = 1.5 V, Ta = 25 °C)
Output data delay
Tri-state output
enable time
Tri-state output
disable time
Clamp pulse width∗1
TDL
tPZH
tPZL
tPHZ
tPLZ
tcpw
8
6
4
1.75
With TTL 1 gate and 10pF load
VDD = 3.14 to 3.6 V
Ta = –40 to +85 °C
RL = 1 k
Ω, CL = 20 pF
OE = 3 V
→ 0 V
VDD = 3.14 to 3.6 V
Ta = –40 to +85°C
RL = 1 k
Ω, CL = 20 pF
OE = 0 V
→ 3 V
VDD = 3.14 to 3.6 V
Ta = –40 to +85 °C
Fc = 14.3MSPS, CIN = 10 µF
for NTSC wave
18
12
7.5
2.75
30
25
16
3.75
ns
ns
ns
µs
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
VIH = VDD
VIL = 0 V
VOH = VDD – 0.5 V
VOL = 0.4 V
VOH = VDD
VOL = 0 V
1 The clamp pulse width is for NTSC as an example. Adjust the rate to the clamp pulse cycle (1/15.75 kHz
for NTSC) for other processing systems to equal the values for NTSC.


Similar Part No. - CXD2300Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2301Q SONY-CXD2301Q Datasheet
473Kb / 23P
   8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp
CXD2302 SONY-CXD2302 Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
   8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
CXD2304 SONY-CXD2304 Datasheet
249Kb / 15P
   8-bit 20 MSPS RGB 3-Channel D/A Converter
More results

Similar Description - CXD2300Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2300 INTERSIL-HI2300 Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
logo
Sony Corporation
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
   8-Bit, 50MSPS, Video A/D Converter with Clamp Function
logo
Sony Corporation
CXD1179Q SONY-CXD1179Q Datasheet
202Kb / 14P
   8-bit 35MSPS Video A/D Converter with Clamp Function
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
   Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
logo
Sony Corporation
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
   8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com