Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61DDPB22M18A Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61DDPB22M18A
Description  2Mx18, 1Mx36 36Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDPB22M18A Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61DDPB22M18A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61DDPB22M18A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDPB22M18A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDPB22M18A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDPB22M18A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDPB22M18A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDPB22M18A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDPB22M18A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDPB22M18A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
IS61DDPB22M18A/A1/A2
IS61DDPB21M36A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. 00A
7/05/2012
1
2Mx18, 1Mx36
36Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
(2.5 Cycle Read Latency)
FEATURES
1Mx36 and 2Mx18 configuration available.
On-chip Delay-Locked Loop (DLL) for wide data
valid window.
Common I/O read and write ports.
Synchronous pipeline read with self-timed late write
operation.
Double Data Rate (DDR) interface for read and
write input ports.
2.5 cycle read latency.
Fixed 2-bit burst for read and write operations.
Clock stop support.
Two input clocks (K and K#) for address and control
registering at rising edges only.
Two echo clocks (CQ and CQ#) that are delivered
simultaneously with data.
+1.8V core power supply and 1.5, 1.8V VDDQ, used
with 0.75, 0.9V VREF.
HSTL input and output interface.
Registered addresses, write and read controls, byte
writes, data in, and data outputs.
Full data coherency.
Boundary scan using limited set of JTAG 1149.1
functions.
Byte write capability.
Fine ball grid array (FBGA) package:
13mm x 15mm & 15mm x 17mm body size
165-ball (11 x 15) array
Programmable impedance output drivers via 5x
user-supplied precision resistor.
Data Valid Pin (QVLD).
ODT (On Die Termination) feature is supported
optionally on data input, K/K#, and BWx#.
The end of top mark (A/A1/A2) is to define options.
IS61DDPB21M36A
: Don’t care ODT function and
pin connection
IS61DDPB21M36A1 : Option1
IS61DDPB21M36A2 : Option2
Refer to more detail description at page 6 for each
ODT option.
DESCRIPTION
The 36Mb IS61DDPB21M36A/A1/A2 and
IS61DDPB22M18A/A1/A2 are synchronous, high-
performance CMOS static random access memory (SRAM)
devices. These SRAMs have a common I/O bus. The rising
edge of K clock initiates the read/write operation, and all
internal operations are self-timed. Refer to the Timing
Reference Diagram for Truth Table
for a description of the
basic operations of these DDR-IIP (Burst of 2) CIO SRAMs.
Read and write addresses are registered on alternating rising
edges of the K clock. Reads and writes are performed in
double data rate.
The following are registered internally on the rising edge of
the K clock:
Read/write address
Read enable
Write enable
Byte writes
Data-in for first burst addresses
Data-Out for second burst addresses
The following are registered on the rising edge of the K#
clock:
Byte writes
Data-in for second burst addresses
Data-Out for first burst addresses
Byte writes can change with the corresponding data-in to
enable or disable writes on a per-byte basis. An internal write
buffer enables the data-ins to be registered one cycle after
the write address. The first data-in burst is clocked one cycle
later than the write command signal, and the second burst is
timed to the following rising edge of the K# clock.
During the burst read operation, the data-outs from the first
bursts are updated from output registers of the third rising
edge of the K# clock (starting two and half cycles later after
read command). The data-outs from the second burst are
updated with the fourth rising edge of the K clock where read
command receives at the first rising edge of K.
The device is operated with a single +1.8V power supply and
is compatible with HSTL I/O interfaces.
ADVANCED INFORMATION
JULY 2012
Copyright © 2010 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS61DDPB22M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDPB22M18B ISSI-IS61DDPB22M18B Datasheet
889Kb / 31P
   1Mx36 and 2Mx18 configuration available
IS61DDPB22M18B1 ISSI-IS61DDPB22M18B1 Datasheet
889Kb / 31P
   1Mx36 and 2Mx18 configuration available
IS61DDPB22M18B2 ISSI-IS61DDPB22M18B2 Datasheet
889Kb / 31P
   1Mx36 and 2Mx18 configuration available
More results

Similar Description - IS61DDPB22M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDP2B22M18A ISSI-IS61DDP2B22M18A Datasheet
534Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B42M18A ISSI-IS61DDP2B42M18A Datasheet
578Kb / 32P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB42M18A ISSI-IS61DDPB42M18A Datasheet
573Kb / 32P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB21M18A ISSI-IS61DDPB21M18A Datasheet
527Kb / 31P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDPB24M18A ISSI-IS61DDPB24M18A Datasheet
527Kb / 31P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B21M18A ISSI-IS61DDP2B21M18A Datasheet
534Kb / 31P
   1Mx18, 512Kx36 18Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B44M18A ISSI-IS61DDP2B44M18A Datasheet
549Kb / 32P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB41M18A ISSI-IS61DDPB41M18A Datasheet
574Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDP2B41M18A ISSI-IS61DDP2B41M18A Datasheet
578Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB44M18A ISSI-IS61DDPB44M18A Datasheet
545Kb / 32P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com