Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61DDPB44M18A Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61DDPB44M18A
Description  4Mx18, 2Mx36 72Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDPB44M18A Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61DDPB44M18A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61DDPB44M18A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDPB44M18A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDPB44M18A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDPB44M18A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDPB44M18A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDPB44M18A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDPB44M18A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDPB44M18A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
IS61DDPB44M18A/A1/A2
IS61DDPB42M36A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. 00A
7/05/2012
4
SRAM Features Description
Block Diagram
Data
Register
Burst4
Control
Logic
19(20)
Addresses
4(2)
LD#
R/W#
BWx#
Clock
Generator
K
K#
2M x 36
(4M x 18)
Memory Array
Write
Driver
Select Output Control
19(20)
36x4(18x4)
36x4(18x4)
36x4
(18x4)
36 (18)
DQ(Data-out
&Data-In)
CQ, CQ#
(Echo Clocks)
/Doff
Add Reg &
Burst
Control
144
(72)
Output
Reg
36
(18)
36(18)
QVLD
Note: Numerical values in parentheses refer to the x18 device configuration
.
Read Operations
The SRAM operates continuously in a burst-of-four mode. Read cycles are started by registering R/W# in active high
state at the rising edge of the K clock. K and K#, are also used to control the timing to the outputs. The data
corresponding to the first address is clocked two and half cycles later by the rising edge of the K# clock. The data
corresponding to the second burst is clocked three cycles later by the following rising edge of the K clock. A set of free-
running echo clocks, CQ and CQ#, are produced internally with timings identical to the data-outs. The echo clocks can
be used as data capture clocks by the receiver device.
Whenever LD# is low, a new address is registered at the rising edge of the K clock. A NOP operation (LD# is high)
does not terminate the previous read. The output drivers disable automatically to a high-Z state.
Write Operations
Write operations can also be initiated at every other rising edge of the K clock whenever R/W# is low. The write
address is also registered at that time. When the address needs to change, LD# needs to be low simultaneously to be
registered by the rising edge of K. Again, the write always occurs in bursts of four.
Because of its common I/O architecture, the data bus must be tri-stated at least one cycle before the new data-in is
presented at the DQ bus.
The write data is provided in a ‘late write’ mode; that is, the data-in corresponding to the first address of the burst, is
presented one cycle later or at the rising edge of the following K clock. The data-in corresponding to the second write
burst address follows next, registered by the rising edge of K#.


Similar Part No. - IS61DDPB44M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDPB44M18B ISSI-IS61DDPB44M18B Datasheet
934Kb / 32P
   Common I/O read and write ports
IS61DDPB44M18B1 ISSI-IS61DDPB44M18B1 Datasheet
934Kb / 32P
   Common I/O read and write ports
IS61DDPB44M18B2 ISSI-IS61DDPB44M18B2 Datasheet
934Kb / 32P
   Common I/O read and write ports
More results

Similar Description - IS61DDPB44M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDP2B44M18A ISSI-IS61DDP2B44M18A Datasheet
549Kb / 32P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB24M18A ISSI-IS61DDPB24M18A Datasheet
527Kb / 31P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B42M18A ISSI-IS61DDP2B42M18A Datasheet
578Kb / 32P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB41M18A ISSI-IS61DDPB41M18A Datasheet
574Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB42M18A ISSI-IS61DDPB42M18A Datasheet
573Kb / 32P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDP2B41M18A ISSI-IS61DDP2B41M18A Datasheet
578Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB21M18A ISSI-IS61DDPB21M18A Datasheet
527Kb / 31P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B22M18A ISSI-IS61DDP2B22M18A Datasheet
534Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
logo
Samsung semiconductor
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
logo
Integrated Silicon Solu...
IS61DDPB22M18A ISSI-IS61DDPB22M18A Datasheet
527Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com