Electronic Components Datasheet Search |
|
BL8076CB5TR Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD. |
|
BL8076CB5TR Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD. |
1 / 7 page www.belling.com.cn 1 2A 3MHz 6V Synchronous Buck Converter BL8076 DESCRIPTION The BL8076 is a high efficiency synchronous, buck DC/DC converter. Its input voltage range is from 2.6V to 6V and provides an adjustable regulated output voltage from 0.6V to Vin while delivering up to 2A of output current. The internal synchronous switches increase efficiency and eliminate the need for an external Schottky diode. It runs at a fixed 3MHz frequency, which allows the use of small inductor with L<1uH while maintaining a high efficiency and small output voltage ripple. When Mode pin is connected to Gnd, the BL8076 is operating in PFM/PWM auto-switch mode which enhance the efficiency at light-load. The BL8076 is available in DFN2x2-8L and SOT23-5 packages. FEATURES Adjustable Output Voltage, Vfb=0.6V Maximum output current is 2A Range of operation input voltage: Max 6V Standby current: 30uA (typ.) Line regulation: 0.1%/V (typ.) Load regulation: 10mV (typ.) High efficiency, up to 96% Environment Temperature: -40C~85 APPLICATIONS Power Management for 3G modem Smart Phone Tablet PC Set Top Box Other Battery Powered Device TYPICAL APPLICATION AGND FB PVIN SW 10 μF 22pF VOUT 1.8V/2A VIN 2.6V ~ 5.5V 120k 60k AVIN EN MODE PGND 1μH 1 3 2 8 7 5 6 4 LC2126 10uF PIN OUT & MARKING Note:GK: Product Code YW: Date code ORDERING INFORMATION PART No. PACKAGE Tape&Reel BL8076CKBTR DFN2x2-8L 3000pcs/Reel BL8076CB5TR SOT23-5 3000pcs/Reel BL8076 |
Similar Part No. - BL8076CB5TR |
|
Similar Description - BL8076CB5TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |