Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8530C Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8530C
Description  HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8530C Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8530C Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
http://www.belling.com.cn
- 1-
9/18/2006
Total 13 Pages
HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
BL8530C
SELECTION GUIDE:
BL8530C
--XX X XX
OUTLINE:
The BL8530C series are CMOS-based
PFM step-up DC-DC Controller with low supply
current and high output voltage accuracy.
Quiescent current drawn from power source is
as low as 6uA. It is capable of delivering
500mA output current at 4.0V output with 2V
input Voltage. Only four external components
are necessary: An inductor, a Schottky diode,
an output filter capacitor and a NMOSFET or a
NPN transistor All of these features make
BL8530C series be suitable for the portable
devices, which are supplied by a single battery
to four-cell batteries.
BL8530C has a drive pin (EXT) for
external transistor. So it is possible to load a
large output current with a power transistor
which has a low saturation voltage.
BL8530C integrates stable reference
circuits and trimming technology, so it can
afford high precision and low temperature-drift
coefficient of the output voltage.
BL8530C is available in SOT-23-3 and
SOT-23-5 packages which are PB free. And in
SOT-23-5 the device can be switch on or off
easily by CE pin, to minimize the standby
supply current.
FEATURES:
Deliver 500mA at 4.0V Output voltage
with 2V input Voltage
The converter output voltage can be
adjusted from 2.5V~6.0V(In 0.1V step)
Output voltage accuracy -----------±2%
Low temperature-drift coefficient of the
output voltage------------------
±100ppm/℃
Only four external components are
necessary: An inductor, a Schottky diode,
an output filter capacitor and a NMOSFET
or a NPN transistor
High power conversion efficiency---90%
Low quiescent current drawn from power
source----------------------------------------- 6uA
Small package----- SOT-23-3、SOT-23-5
APPLICATIONS
Power source for PDA、DSC、MP3
Player、electronic toy and wireless mouse
Power source for a single or dual-cell
battery-powered equipments
Power source for LED
PIN CONFIGURARION:
Function Description:
1:Without Enable circuit
2:With Enable circuit
Output Voltage:
25……2.5V
30……3.0V
……
60 …… 6.0V (In 0.1V
step)
Package Type:
RN:SOT-23-5
RM:SOT-23-3


Similar Part No. - BL8530C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
More results

Similar Description - BL8530C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8531C BELLING-BL8531C Datasheet
679Kb / 12P
   High Efficiency, Multi-Function Step-up DC/DC Controller
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com