Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8558 Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8558
Description  Low noise, fast response 500mA LDO regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8558 Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8558 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
http://www.belling.com.cn
- 6-
8/16/2006
Total 10 Pages
BL8558
Vdrop
1
Dropout
Voltage,Vout≥2.8V
Iout=100mA
88
120
mV
Iout=300mA
270
350
mV
Iout=500mA
460
600
mV
Vout
Vin
Vout
Line Regulation
Iout=40mA
2.8V≤Vin≤8V
0.05
0.2
%/V
Vout
/
Iout
Load Regulation
Vin=Set Vout+1V
1mA≤Iout≤500mA
20
40
mV
Iss
Supply Current
Vin=Set Vout+1V
75
90
uA
Istandby
Supply Current
(Srandby)
Vin=Set Vout+1V
Vce=GND
0.1
1.0
uA
Vout
T
Vout
Output Voltage
Temperature
Coefficiency
Iout=30mA
±100
ppm/
°C
PSRR
Ripple Rejection
F=100Hz,
Ripple=0.5Vp-p
Vin=Set Vout+1V
65
dB
Ilim
Short Current Limit
Vout=0V
200
mA
Rpd
CE Pull down
Resistance
2.0
5.0
10.0
M
Vceh
CE Input Voltage “H”
1.5
Vin
V
Vcel
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW=10Hz~100kHz
47
uVrms
1. Vdrop=Vin1-(Vout2*0.98) Vout2 is the output voltage when Vin=Vout1+1.0V and Iout=300mA or Iout=500mA. Vin1 is
the input voltage at which the output voltage becomes 98% of Vout1 after gradually decreasing the input voltage.
Typical Application Circuit:
Explanation:
BL8558 series is a group of positive voltage output, low noise, low power consumption, low
dropout voltage regulator. BL8558 can provide output value in the range of 1.2V~4.5V every 0.1V
step. It also can be customized on command.
BL8558 includes high accuracy voltage reference, error amplifier, current limit circuit and output
driver module. BL8558 has excellent load and line transient response and good temperature
characteristics, which can assure the stability of chip and power system. And it uses trimming
technique to guarantee output voltage accuracy within±2%.
Application hints:
NOTE1: Input capacitor (Cin=1uF) is
recommended in all application circuit.
NOTE2: Output capacitor (Cout=3.3uF/4.7uF) is
recommended in all application to
assure the stability of circuit.
BL8558


Similar Part No. - BL8558

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
BL8550-18CA BELLING-BL8550-18CA Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
BL8550-18CB BELLING-BL8550-18CB Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
BL8550-18CC BELLING-BL8550-18CC Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
BL8550-18PA BELLING-BL8550-18PA Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
More results

Similar Description - BL8558

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
   Low noise, fast response 500mA LDO regulator
VER 1.2
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
   Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com