Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8591 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8591
Description  100mA High PSRR, Fast Response Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8591 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8591 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.belling.com.cn
3
BL8591
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
15V
Operating Junction Temperature(Tj)
125
°C
Output Current
500mA
Ambient Temperature(Ta)
-40
°C –85°C
Power
Dissipation
SOT23-3
250mW
SOT23-5
250mW
SOT89-3
500mW
SOT89-5
500mW for normal application
800mW with 10mmx20mm heat dissipation coil
TO-92
500mW
Storage Temperature(Ts)
-40
°C -150°C
Lead Temperature & Time
260
°C,10S
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions
may affect device reliability.
RECOMMENDED WORK CONDITIONS
Item
Min
Recommended
Max.
Unit
Input Voltage Range
14
V
Ambient Temperature
-40
85
°C
ELECTRICAL CHARACTERISTICS
(Test Conditions: Cin=1uF,Cout=3.3uF,TA=25
°C, unless otherwise specified. )
BL8591, For Arbitrary Output Voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vin
Input Voltage
14
V
Vout
Output
Voltage
Vout>1.5V
Vin=Set Vout+1V
1mA≤Iout≤30mA
Vout
x0.98
Vout
Vout
X1.02
V
Vout<=1.5V
Vout
-0.03
Vout
Vout
+0.03
Iout (Max.)
Maximun Output
Current
Vin-Vout=1V
100
mA
Vdrop
1
Dropout
Voltage,Vout≥2.8V
Iout=100mA
88
120
mV
Vout
Vin
Vout
Line Regulation
Iout=40mA
2.8V≤Vin≤8V
0.05
0.2
%/V
Vout
/ Iout
Load Regulation
Vin=Set Vout+1V
1mA≤Iout≤500mA
20
40
mV
Iss
Supply Current
Vin=Set Vout+1V
75
90
uA


Similar Part No. - BL8591

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8593 BELLING-BL8593 Datasheet
495Kb / 6P
   P-Channel MOSFET with 0.12V Schottky Diode
BL8595 BELLING-BL8595 Datasheet
537Kb / 5P
   18V-1A PNP with N-MOSFET CHARGE IC
BL8596 BELLING-BL8596 Datasheet
578Kb / 4P
   LDO mode OVP with Integrated P-MOSFET
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
   Adjustable Overvoltage Protector with High Accuracy
More results

Similar Description - BL8591

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8067 BELLING-BL8067 Datasheet
788Kb / 8P
   300mA High PSRR, Fast Response Linear Regulator
logo
ACE Technology Co., LTD...
ACE535C ACE-ACE535C Datasheet
501Kb / 8P
   300mA High PSRR, Fast Response Linear Regulator
VER 1.1
ACE515C ACE-ACE515C_14 Datasheet
676Kb / 10P
   300mA High PSRR, Fast Response Linear Regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8568 BELLING-BL8568 Datasheet
1Mb / 7P
   500mA High PSRR, Low Noise, Fast Response Linear Regulator
BL8068 BELLING-BL8068 Datasheet
919Kb / 6P
   700mA High PSRR, Low Noise, Fast Response Linear Regulator
logo
uPI Group Inc.
UP8804P UPI-UP8804P Datasheet
698Kb / 15P
   Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8805P UPI-UP8805P Datasheet
704Kb / 14P
   Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A6500A AITSEMI-A6500A Datasheet
623Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR, LOW NOISE,FAST RESPONSE LINEAR
REV1.3
logo
uPI Group Inc.
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
   Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com