Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL9384 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL9384
Description  3A, 18V High Efficiency Synchronous Step-Down Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9384 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL9384 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9384 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9384 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9384 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9384 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9384 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.belling.com.cn
5
BL9384
FUNCTIONAL DECRIPTIONS
Loop Operation
The BL9384 is a wide input range, high-efficiency, DC-to-DC step-down switching regulator, capable of delivering up to
3A of output current, integrated with a 110m
Ω synchronous MOSFET, eliminating the need for external diode. It uses a
PWM current-mode control scheme. An error amplifier integrates error between the FB signal and the internal reference
voltage. The output of the integrator is then compared to the sum of a current-sense signal and the slope compensation
ramp. This operation generates a PWM signal that modulates the duty cycle of the power MOSFETs to achieve regulation
for output voltage.
Current Limit
There is a cycle-by-cycle current limit on the high-side MOSFET of 3A(typ). When the current flowing out of SW exceeds
this limit, the high-side MOSFET turns off and the synchronous rectifier turns on. Unlike the traditional method of
current limiting by limiting the voltage at the compensation pin, which usually has large variation due to duty cycle
variance, this type of peak current limiting scheme provides a relatively more accurate limit for output current, thereby
lowering the requirements for system design.
COMPONENT SELECTRION
When setting up the BL9384 for different output voltage, please use following recommended component value for the
best performance.
VOUT (V)
COUT (
µF)
L (
µH)
8
22x2
22
5
22x2
15
3.3
22x2
10
2.5
22x2
6.8
1.8
22x2
4.7
1.2
22x2
3.3


Similar Part No. - BL9384

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384B BELLING-BL9384B Datasheet
2Mb / 6P
   3A, 20V High Efflxlency Synchronous Step-Down Converter
More results

Similar Description - BL9384

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE727Z ACE-ACE727Z Datasheet
578Kb / 9P
   18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
   3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1485 ETA-ETA1485 Datasheet
238Kb / 1P
   3A, 18V High Efficiency Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7213F ACE-ACE7213F Datasheet
450Kb / 10P
   18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
   18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
   3A, 18V Synchronous Step-Down Converter
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
   3A 18V Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
   3A, 18V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com