Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMQA Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMQA
Description  SC-59 Quad Monolithic Common Anode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMQA Datasheet(HTML) 2 Page - Motorola, Inc

  MMQA Datasheet HTML 1Page - Motorola, Inc MMQA Datasheet HTML 2Page - Motorola, Inc MMQA Datasheet HTML 3Page - Motorola, Inc MMQA Datasheet HTML 4Page - Motorola, Inc MMQA Datasheet HTML 5Page - Motorola, Inc MMQA Datasheet HTML 6Page - Motorola, Inc MMQA Datasheet HTML 7Page - Motorola, Inc MMQA Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MOTOROLA
2
MMQA Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to pins 1, 2, and 5; Pins 2, 3, and 5; Pins 2, 4, and 5; or Pins 2, 5, and 6) (VF = 0.9 V Max @ IF = 10 mA)
Breakdown Voltage
Max Reverse
Leakage Current
Max Zener
Impedance (7)
Max Reverse
Surge
Max Reverse
Voltage @
IRSM(6)
Maximum
Temperature
VZT (5)
(V)
@ IZT
IR
VR
Impedance (7)
Surge
Current
IRSM(6)
(Clamping
Voltage)
p
Coefficient of
VZ
Device
Min
Nom
Max
(mA)
(nA)
(V)
ZZT @ IZT
(
Ω)
(mA)
IRSM(4)
(A)
VRSM
(V)
(mV/
°C)
MMQA5V6T1,T3
5.32
5.6
5.88
1.0
2000
3.0
400
3.0
8.0
1.26
MMQA6V2T1,T3
5.89
6.2
6.51
1.0
700
4.0
300
2.66
9.0
10.6
MMQA6V8T1,T3
6.46
6.8
7.14
1.0
500
4.3
300
2.45
9.8
10.9
MMQA12VT1,T3
11.4
12
12.6
1.0
75
9.1
80
1.39
17.3
14
MMQA13VT1,T3
12.4
13
13.7
1.0
75
9.8
80
1.29
18.6
15
MMQA15VT1,T3
14.3
15
15.8
1.0
75
11
80
1.1
21.7
16
MMQA18VT1,T3
17.1
18
18.9
1.0
75
14
80
0.923
26
19
MMQA20VT1,T3
19
20
21
1.0
75
15
80
0.84
28.6
20.1
MMQA21VT1,T3
20
21
22.1
1.0
75
16
80
0.792
30.3
21
MMQA22VT1,T3
20.9
22
23.1
1.0
75
17
80
0.758
31.7
22
MMQA24VT1,T3
22.8
24
25.2
1.0
75
18
100
0.694
34.6
25
MMQA27VT1,T3
25.7
27
28.4
1.0
75
21
125
0.615
39
28
MMQA30VT1,T3
28.5
30
31.5
1.0
75
23
150
0.554
43.3
32
MMQA33VT1,T3
31.4
33
34.7
1.0
75
25
200
0.504
48.6
37
(5)
VZ measured at pulse test current IT at an ambient temperature of 25°C.
(6)
Surge current waveform per Figure 5 and derate per Figure 4.
(7)
ZZT is measured by dividing the AC voltage drop across the device by the AC current supplied. The specified limits are IZ(AC) = 0.1 IZ(DC), with AC frequency = 1 kHz.
NOTE: SPECS LISTED ABOVE ARE PRELIMINARY
TYPICAL CHARACTERISTICS
300
VZ, NOMINAL ZENER VOLTAGE (V)
250
200
150
100
50
0
5.6
6.8
12
20
27
BIASED AT 0 V
BIASED AT 1 V
BIASED AT 50%
OF VZ NOM
Figure 1. Typical Capacitance
5.6
6.8
20
27
10,000
1,000
100
10
0
Figure 2. Typical Leakage Current
VZ, NOMINAL ZENER VOLTAGE (V)
33
33
+150
°C
+25
°C
–40
°C


Similar Part No. - MMQA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA ONSEMI-MMQA Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA ONSEMI-MMQA Datasheet
71Kb / 6P
   SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
MMQA ONSEMI-MMQA Datasheet
81Kb / 7P
   SC-74 Quad Monolithic Common Anode
January, 2015 ??Rev. 11
MMQA-D ONSEMI-MMQA-D Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA12VT ONSEMI-MMQA12VT Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
More results

Similar Description - MMQA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA ONSEMI-MMQA Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T1 ONSEMI-MMQA5V6T1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA ONSEMI-MMQA_15 Datasheet
81Kb / 7P
   SC-74 Quad Monolithic Common Anode
January, 2015 ??Rev. 11
MMQA27VT1G ONSEMI-MMQA27VT1G Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA-D ONSEMI-MMQA-D Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T ONSEMI-MMQA5V6T Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA ONSEMI-MMQA_05 Datasheet
71Kb / 6P
   SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
logo
NEC
NSAD500F NEC-NSAD500F Datasheet
32Kb / 5P
   ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES DUAL TYPE: COMMON ANODE SC-59 PACKAGE
logo
ON Semiconductor
SC-74 ONSEMI-SC-74 Datasheet
67Kb / 6P
   MMQA Quad Common Anode Series
April, 2004 ??Rev. 4
logo
NEC
NSAD500H NEC-NSAD500H Datasheet
32Kb / 5P
   ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES QUAD TYPE: COMMON ANODE SC-88A PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com